Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3025LSA Fiches technique(PDF) 4 Page - Allegro MicroSystems

No de pièce SI-3025LSA
Description  LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3025LSA Fiches technique(HTML) 4 Page - Allegro MicroSystems

  SI-3025LSA Datasheet HTML 1Page - Allegro MicroSystems SI-3025LSA Datasheet HTML 2Page - Allegro MicroSystems SI-3025LSA Datasheet HTML 3Page - Allegro MicroSystems SI-3025LSA Datasheet HTML 4Page - Allegro MicroSystems SI-3025LSA Datasheet HTML 5Page - Allegro MicroSystems SI-3025LSA Datasheet HTML 6Page - Allegro MicroSystems SI-3025LSA Datasheet HTML 7Page - Allegro MicroSystems SI-3025LSA Datasheet HTML 8Page - Allegro MicroSystems SI-3025LSA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SI-3025LSA
LOW-VOLTAGE, HIGH-CURRENT
2.5 V LINEAR REGULATOR
TM
4
TYPICAL CHARACTERISTICS at T
A = 25°C
0.2
0.1
0
0.3
0.4
0.5
0.4
0.8
OUTPUT CURRENT in AMPERES
0
Dwg. GK-025-1
1.2
0.6
1.0
0.2
0.6
2.50
2.48
2.46
2.52
2.54
2.56
0.4
0.8
OUTPUT CURRENT in AMPERES
0
Dwg. GK-026-1
1.2
0.6
1.0
0.2
2.58
VI = VS = 10 V
VI = VS = 8 V
VI = VS = 5 V
VI = VS = 3.2 V
0
1.0
2.0
OUTPUT CURRENT in AMPERES
0
Dwg. GK-027-1
2.0
1.0
1.5
0.5
3.0
VI = VS = 3.2 V
VI = VS = 5 V
VI = VS = 6 V
INPUT VOLTAGE
0
Dwg. GK-028-1
5.0
3.0
4.0
1.0
2.0
IO = 0 A
IO = 0.5 A
IO = 1 A
0
1.0
2.0
3.0
Dropout voltage
Load regulation
Overcurrent protection
V
OUT vs VIN


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn