Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM22670QMR-ADJ/NOPB Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM22670QMR-ADJ/NOPB
Description  42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM22670QMR-ADJ/NOPB Fiches technique(HTML) 1 Page - Texas Instruments

  LM22670QMR-ADJ/NOPB Datasheet HTML 1Page - Texas Instruments LM22670QMR-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LM22670QMR-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LM22670QMR-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LM22670QMR-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LM22670QMR-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LM22670QMR-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LM22670QMR-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LM22670QMR-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LM22670-ADJ
VIN
EN
SW
BOOT
FB
GND
VIN
VOUT
RT/SYNC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM22670, LM22670-Q1
SNVS584P – SEPTEMBER 2008 – REVISED NOVEMBER 2014
LM22670/-Q1 42-V, 3-A SIMPLE SWITCHER®, Step-Down Voltage Regulator
With Features
1 Features
3 Description
The LM22670 switching regulator provides all of the
1
Wide Input Voltage Range: 4.5 V to 42 V
functions necessary to implement an efficient high-
Internally Compensated Voltage Mode Control
voltage step-down (buck) regulator using a minimum
Stable With Low ESR Ceramic Capacitors
of external components. This easy-to-use regulator
incorporates a 42-V N-channel MOSFET switch that
120-m
Ω N-channel MOSFET PFM Package
can provide up to 3 A of load current. Excellent line
100-m
Ω N-channel MOSFET SO PowerPAD™-8
and load regulation along with high efficiency (> 90%)
Package
are featured. Voltage mode control offers short
Output Voltage Options:
minimum on-time, allowing the widest ratio between
-ADJ (Outputs as Low as 1.285 V)
input and output voltages. Internal loop compensation
-5.0 (Output Fixed to 5 V)
means that the user is free from the tedious task of
calculating the loop compensation components. Fixed
±1.5% Feedback Reference Accuracy
5-V output and adjustable output voltage options are
500-kHz Default Switching Frequency
available. The default switching frequency is set at
Adjustable Switching Frequency and
500 kHz, thus allowing for small external components
Synchronization
and
good
transient
response.
In
addition,
the
frequency can be adjusted over a range of 200 kHz
–40°C to 125°C Operating Junction Temperature
to 1 MHz with a single external resistor. The internal
Range
oscillator can be synchronized to a system clock or to
Precision Enable Pin
the oscillator of another regulator. A precision enable
Integrated Boot-Strap Diode
input allows simplification of regulator control and
system power sequencing. In shutdown mode the
Integrated Soft-Start
regulator draws only 25 µA (typical). Built in soft-start
Fully WEBENCH® Enabled
(500 µs, typical) saves external components. The
LM22670-Q1 is an Automotive-Grade Product
LM22670 device also has built-in thermal shutdown,
that is AEC-Q100 Grade 1 Qualified (–40°C to
and current limiting to protect against accidental
+125°C Operating Junction Temperature)
overloads.
The
LM22670
device
is
a
member
of
Texas
2 Applications
Instruments'
SIMPLE
SWITCHER®
family.
The
SIMPLE SWITCHER® concept provides for an easy-
Industrial Control
to-use complete design using a minimum number of
Telecom and Datacom Systems
external components and the TI WEBENCH design
Embedded Systems
tool. TI's WEBENCH tool includes features such as
Conversions from Standard 24-V, 12-V and 5-V
external component calculation, electrical simulation,
thermal simulation, and Build-It boards for easy
Input Rails
design-in.
Simplified Application Schematic
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
HSOP (8)
4.89 mm x 3.90 mm
LM22670
LM22670-Q1
TO-263 (7)
10.16 mm x 9.85 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - LM22670QMR-ADJ/NOPB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM22670QMR-ADJ/NOPB TI1-LM22670QMR-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
More results

Description similaire - LM22670QMR-ADJ/NOPB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
LM22678 TI-LM22678_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM5576 TI1-LM5576_17 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
logo
National Semiconductor ...
LM1576-12 NSC-LM1576-12 Datasheet
490Kb / 11P
   Simple Switcher??3 Amp Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com