Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM22670MRE-ADJ/NOPB Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM22670MRE-ADJ/NOPB
Description  42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM22670MRE-ADJ/NOPB Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM22670MRE-ADJ/NOPB Datasheet HTML 2Page - Texas Instruments LM22670MRE-ADJ/NOPB Datasheet HTML 3Page - Texas Instruments LM22670MRE-ADJ/NOPB Datasheet HTML 4Page - Texas Instruments LM22670MRE-ADJ/NOPB Datasheet HTML 5Page - Texas Instruments LM22670MRE-ADJ/NOPB Datasheet HTML 6Page - Texas Instruments LM22670MRE-ADJ/NOPB Datasheet HTML 7Page - Texas Instruments LM22670MRE-ADJ/NOPB Datasheet HTML 8Page - Texas Instruments LM22670MRE-ADJ/NOPB Datasheet HTML 9Page - Texas Instruments LM22670MRE-ADJ/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
1.5
1.2
1.4
0.8
0.9
0.6
0.7
1.0
1.1
1.3
–50 –25
0
25
50
75
100 125
TEMPERATURE (°C)
PFM Package
SO Package
LM22670, LM22670-Q1
SNVS584P – SEPTEMBER 2008 – REVISED NOVEMBER 2014
www.ti.com
6.7 Typical Characteristics
Vin = 12 V, TJ = 25°C (unless otherwise specified)
Figure 2. Normalized Switching Frequency vs Temperature
Figure 1. Efficiency vs IOUT and VIN, VOUT = 3.3 V
Figure 3. Current Limit vs Temperature
Figure 4. Normalized RDS(ON) vs Temperature
Figure 5. Feedback Bias Current vs Temperature
Figure 6. Normalized Enable Threshold Voltage vs
Temperature
6
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM22670 LM22670-Q1


Numéro de pièce similaire - LM22670MRE-ADJ/NOPB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM22670MRE-ADJ/NOPB TI1-LM22670MRE-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
More results

Description similaire - LM22670MRE-ADJ/NOPB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
LM22678 TI-LM22678_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
LM22670 TI-LM22670_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM22670/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22673 TI-LM22673_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22673/-Q1 42 V, 3 A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22675 TI-LM22675_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM22675/-Q1 42 V, 1 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22677 TI-LM22677_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM22677/-Q1 42-V, 5-A SIMPLE SWITCHER짰, Step-Down Voltage Regulator With Features
LM22679 TI-LM22679_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM22679/-Q1 42-V, 5-A SIMPLE SWITCHER짰 Step-Down Voltage Regulator With Features
LM5576 TI1-LM5576_17 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
logo
National Semiconductor ...
LM1576-12 NSC-LM1576-12 Datasheet
490Kb / 11P
   Simple Switcher??3 Amp Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com