Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI6924EDQ Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce SI6924EDQ
Description  N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6924EDQ Fiches technique(HTML) 3 Page - Vishay Siliconix

  SI6924EDQ Datasheet HTML 1Page - Vishay Siliconix SI6924EDQ Datasheet HTML 2Page - Vishay Siliconix SI6924EDQ Datasheet HTML 3Page - Vishay Siliconix SI6924EDQ Datasheet HTML 4Page - Vishay Siliconix SI6924EDQ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si6924EDQ
Vishay Siliconix
Document Number: 70814
S-59522—Rev. C, 30-Nov-98
www.vishay.com
3
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.5
V
VDS = 0 V, VGS = "4.5 V
"1
mA
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "14 V
"10
mA
VDS = 22.4 V, VGS = 0 V
1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 22.4 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currentb
ID(on)
VDS w 5 V, VGS = 5 V
10
A
VGS = 4.5 V, ID = 4.6 A
0.026
0.033
Drain-Source On-State Resistanceb
rDS(on)
VGS = 3.0 V, ID = 4.3 A
0.029
0.038
W
DS(on)
VGS = 2.5 V, ID = 4.1 A
0.031
0.042
Forward Transconductanceb
gfs
VDS = 10 V, ID = 4.6 A
18
S
Diode Forward Voltageb
VSD
IS = 1.25 A, VGS = 0 V
0.7
1.1
V
Dynamica
Total Gate Charge
Qg
14
20
Gate-Source Charge
Qgs
VDS = 10 V, VGS = 4.5 V, ID = 4.6 A
2.1
nC
Gate-Drain Charge
Qgd
4.2
Turn-On Delay Time
td(on)
0.55
1.0
Rise Time
tr
VDD = 10 V, RL = 10 W
2.0
4.0
m
Turn-Off Delay Time
td(off)
VDD = 10 V, RL = 10 W
ID ^ 1 A, VGEN = 4.5 V, RG = 6 W
7.0
12
ms
Fall Time
tf
4.5
8
Notes
a.
Guaranteed by design, not subject to production testing.
b.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
14
0.001
100
10,000
04
TJ = 25_C
Gate Current vs. Gate-Source Voltage
0
4
8
12
16
Gate-Current vs. Gate-Source Voltage
VGS - Gate-to-Source Voltage (V)
0.01
0.1
1
10
1,000
VGS - Gate-to-Source Voltage (V)
TJ = 150_C
26
8
10
12
8
6
4
2
0


Numéro de pièce similaire - SI6924EDQ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
SI6924AEDQ-T1 VISHAY-SI6924AEDQ-T1 Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ-T1-GE3 VISHAY-SI6924AEDQ-T1-GE3 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
SI6924AEDQ VISHAY-SI6924AEDQ_08 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
More results

Description similaire - SI6924EDQ

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI6924AEDQ VISHAY-SI6924AEDQ_08 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ_V01 Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
SI6880EDQ VISHAY-SI6880EDQ Datasheet
44Kb / 4P
   N-Channel 1.8-V (G-S) Battery Switch, ESD Protection
Rev. B, 17-Dec-01
SI6954ADQ VISHAY-SI6954ADQ_V01 Datasheet
222Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
01-Jan-2022
SI6954ADQ VISHAY-SI6954ADQ Datasheet
61Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 24-Jan-00
SI6968DQ VISHAY-SI6968DQ Datasheet
60Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. E, 02-Nov-98
logo
Vishay Telefunken
SI6954ADQ TFUNK-SI6954ADQ Datasheet
219Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
logo
Vishay Siliconix
SI6968ADQ VISHAY-SI6968ADQ Datasheet
62Kb / 4P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. A, 20-Dec-99
SI6954ADQ VISHAY-SI6954ADQ_08 Datasheet
214Kb / 10P
   N-Channel 2.5-V (G-S) Battery Switch
Rev. C, 02-Jun-08
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com