Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLPC200 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce DLPC200
Description  DLP Digital Controller for the DLP5500 DMD
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC200 Fiches technique(HTML) 1 Page - Texas Instruments

  DLPC200_17 Datasheet HTML 1Page - Texas Instruments DLPC200_17 Datasheet HTML 2Page - Texas Instruments DLPC200_17 Datasheet HTML 3Page - Texas Instruments DLPC200_17 Datasheet HTML 4Page - Texas Instruments DLPC200_17 Datasheet HTML 5Page - Texas Instruments DLPC200_17 Datasheet HTML 6Page - Texas Instruments DLPC200_17 Datasheet HTML 7Page - Texas Instruments DLPC200_17 Datasheet HTML 8Page - Texas Instruments DLPC200_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DLPC200
DLPS014E – APRIL 2010 – REVISED AUGUST 2014
DLPC200 DLP Digital Controller for the DLP5500 DMD
1 Features
3 Description
The
DLPC200
performs
image
processing
and
1
Required for Reliable Operation of the DLP5500
control and DMD data formatting to drive the 0.55
DMD
XGA DMD (DLP5500).
Stream Data Realtime With Two 24-Bit Input Ports
This
digital
controller
gives
users
reliable,
(RGB888)
independent
high-speed
micromirror
control
for
Port 1 Supports HDMI Input
structured light, display, and other spatial light
Port 2 Supports Input Via an Expansion Card
modulation
(SLM)
applications.
The
DLPC200
provides pattern rates up to 5000 Hz binary or 700
High-Speed Pattern Sequence Mode
Hz 8-bit grayscale, using solid state illumination (SSI).
Download Pattern Data Directly to Device
This easily-programmable device allows users to
1-Bit Binary Pattern Rates to 5000 Hz
interface and synchronize the chipset to external
8-Bit Grayscale Pattern Rates to 700 Hz
sources
(for
example,
sensor,
camera,
and
1-to-1 Input Mapping to Micromirrors
processor) enabling 3D machine vision applications
with high accuracy. Multiple configuration interfaces
Programmable Reordering of Patterns
offer flexibility for external and embedded input
Easy Synchronization With Cameras and Sensors
sources. Convenience of loading and storing custom
Three Configurable Output Triggers
patterns makes the DLPC200 ideal for advanced light
control applications.
Two Configurable Input Triggers
Multiple Configuration Interfaces
Device Information(1)
Supports EDID Via I2C
PART NUMBER
PACKAGE
BODY SIZE (NOM)
USB and SPI Device Control
DLPC200
BGA (780)
29.00 mm × 29.00 mm
(1) For all available packages, see the orderable addendum at
2 Applications
the end of the data sheet.
Machine Vision
3D Depth Measurement and Capture
Robotic Guidance
Inline Surface Inspection
Pick and Place
3D Printers
Medical Instrumentation
3D Dental Scanners
Vascular Imaging
Microscopes
Computer-to-Plate Printers
3D Biometrics
Fingerprint Recognition
Facial Recognition
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Numéro de pièce similaire - DLPC200_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPC200 TI-DLPC200_1 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
More results

Description similaire - DLPC200_17

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DLPC200 TI-DLPC200_1 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
DLPC350ZFF TI1-DLPC350ZFF Datasheet
1Mb / 50P
[Old version datasheet]   DLP Digital Controller for the DLP4500 DMD
DLPC350 TI-DLPC350 Datasheet
1Mb / 50P
[Old version datasheet]   DLP Digital Controller for the DLP4500 DMD
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
[Old version datasheet]   DLP짰 Digital Controller for the DLP1700 DMD
DLPC300 TI1-DLPC300 Datasheet
726Kb / 39P
[Old version datasheet]   DLP짰 Digital Controller for the DLP3000 DMD
DLPC300 TI1-DLPC300_15 Datasheet
1Mb / 51P
[Old version datasheet]   DLP Digital Controller
DLPC200 TI1-DLPC200 Datasheet
1Mb / 52P
[Old version datasheet]   DLP Digital Controller
DLP4500 TI1-DLP4500 Datasheet
2Mb / 36P
[Old version datasheet]   DLP 0.45 WXGA DMD
DLPC1438 TI-DLPC1438 Datasheet
698Kb / 14P
[Old version datasheet]   DLPC1438 Digital Controller for DLP 3D Printers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com