Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4825-A10-CS Fiches technique(PDF) 11 Page - Silicon Laboratories

No de pièce SI4825-A10-CS
Description  BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4825-A10-CS Fiches technique(HTML) 11 Page - Silicon Laboratories

Back Button SI4825-A10-CS Datasheet HTML 7Page - Silicon Laboratories SI4825-A10-CS Datasheet HTML 8Page - Silicon Laboratories SI4825-A10-CS Datasheet HTML 9Page - Silicon Laboratories SI4825-A10-CS Datasheet HTML 10Page - Silicon Laboratories SI4825-A10-CS Datasheet HTML 11Page - Silicon Laboratories SI4825-A10-CS Datasheet HTML 12Page - Silicon Laboratories SI4825-A10-CS Datasheet HTML 13Page - Silicon Laboratories SI4825-A10-CS Datasheet HTML 14Page - Silicon Laboratories SI4825-A10-CS Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Si4825-A10
Rev. 1.0
11
4. Functional Description
Figure 2. Si4825 Functional Block Diagram
4.1. Overview
The Si4825 is the entry level mechanical-tuned digital
CMOS AM/FM/SW radio receiver IC that integrates the
complete receiver function from antenna input to audio
output. The Si4825 extends Silicon Laboratories multi-
band tuner family, and further increases the ease and
attractiveness of design radio reception to audio
devices through small size and board area, minimum
component count, and superior, proven performance.
The Si4825 requires a simple application circuit, and
removes any requirements for manually tuning
components during the manufacturing process.
Leveraging Silicon Laboratories' proven and patented
digital low intermediate frequency (low-IF) receiver
architecture,
the
Si4825
delivers
desired
RF
performance and interference rejection in AM, FM, and
SW bands. The high integration and complete system
production test simplifies design-in, increases system
quality, and improves manufacturability.
4.2. FM Receiver
The Si4825 integrates a low noise amplifier (LNA)
supporting the worldwide FM broadcast band (64 to
109 MHz) and the TV audio stations within the
frequency range in China area are also supported.
Pre-emphasis and de-emphasis is a technique used by
FM broadcasters to improve the signal-to-noise ratio of
FM receivers by reducing the effects of high frequency
interference and noise. When the FM signal is
transmitted, a pre-emphasis filter is applied to
accentuate the high audio frequencies. All FM receivers
incorporate a de-emphasis filter which attenuates high
frequencies to restore a flat frequency response. Two
time constants are used in various regions. The de-
emphasis time constant can be chosen to be 50 or
75 µs.
Si4830/34
ADC
ADC
DSP
DAC
AOUT
AFC
Si4825
RFGND
LNA
AMI
AGC
REG
VDD
2.0~3.6V
XTAL
OSC
FMI
0/90
AM
ANT
FM
ANT
CONTROL INTERFACE
TUNE1/2
BAND
XTALI
ADC


Numéro de pièce similaire - SI4825-A10-CS

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SI4825-A10-CS SKYWORKS-SI4825-A10-CS Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
More results

Description similaire - SI4825-A10-CS

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI4824-DEMO ETC2-SI4824-DEMO Datasheet
194Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Silicon Laboratories
SI4836-A10 SILABS-SI4836-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30-GU SILABS-SI4831-B30-GU Datasheet
199Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4820-A10 SKYWORKS-SI4820-A10 Datasheet
830Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Rev. 1.0 September 1, 2021
SI4836-A10 SKYWORKS-SI4836-A10 Datasheet
884Kb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
logo
Silicon Laboratories
SI4825-A10 SILABS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4831-B30 SILABS-SI4831-B30 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
SI4820-A10 SILABS-SI4820-A10 Datasheet
1Mb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4825-A10 SKYWORKS-SI4825-A10 Datasheet
1Mb / 21P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.8
SI4831-B30 SKYWORKS-SI4831-B30 Datasheet
854Kb / 20P
   BROADCAST MECHANICAL TUNING AM/FM/SW RADIO RECEIVER
Revision 0.1 to Revision 0.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com