Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si4731-C40-GM Fiches technique(PDF) 5 Page - Silicon Laboratories

No de pièce Si4731-C40-GM
Description  BROADCAST AM/FM RADIO RECEIVER
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4731-C40-GM Fiches technique(HTML) 5 Page - Silicon Laboratories

  Si4731-C40-GM Datasheet HTML 1Page - Silicon Laboratories Si4731-C40-GM Datasheet HTML 2Page - Silicon Laboratories Si4731-C40-GM Datasheet HTML 3Page - Silicon Laboratories Si4731-C40-GM Datasheet HTML 4Page - Silicon Laboratories Si4731-C40-GM Datasheet HTML 5Page - Silicon Laboratories Si4731-C40-GM Datasheet HTML 6Page - Silicon Laboratories Si4731-C40-GM Datasheet HTML 7Page - Silicon Laboratories Si4731-C40-GM Datasheet HTML 8Page - Silicon Laboratories Si4731-C40-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Si4730/31-C40
Rev. 1.0
5
Table 3. DC Characteristics
(VDD = 2.7 to 5.5 V, VIO = 1.85 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
FM Mode
Supply Current1
IFM
—19.2
22
mA
Supply Current2
IFM
Low SNR level
19.9
23
mA
RDS Supply Current1
IFM
—19.2
23
mA
AM Mode
Supply Current1
IAM
Analog Output Mode
15.4
20.5
mA
Supplies and Interface
Interface Supply Current
IIO
—320
600
µA
VDD Powerdown Current
IDDPD
—10
20
µA
VIO Powerdown Current
IIOPD
SCLK, RCLK inactive
1
10
µA
High Level Input Voltage3
VIH
0.7 x VIO
—VIO +0.3
V
Low Level Input Voltage3
VIL
–0.3
0.3 x VIO
V
High Level Input Current3
IIH
VIN = VIO = 3.6 V
–10
10
µA
Low Level Input Current3
IIL
VIN =0V,
VIO =3.6 V
–10
10
µA
High Level Output Voltage4
VOH
IOUT = 500 µA
0.8 x VIO
——
V
Low Level Output Voltage4
VOL
IOUT = –500 µA
0.2 x VIO
V
Notes:
1. Specifications are guaranteed by characterization.
2. LNA is automatically switched to higher current mode for optimum sensitivity in weak signal conditions.
3. For input pins SCLK, SEN, SDIO, RST, RCLK, DCLK, DFS, GPO1, GPO2, and GPO3.
4. For output pins SDIO, DOUT, GPO1, GPO2, and GPO3.


Numéro de pièce similaire - Si4731-C40-GM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4731-D50 SILABS-SI4731-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4731-D50 SKYWORKS-SI4731-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
SI4731-D50-GM SKYWORKS-SI4731-D50-GM Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4731-D60 SILABS-SI4731-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
logo
Skyworks Solutions Inc.
SI4731-D60 SKYWORKS-SI4731-D60 Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
More results

Description similaire - Si4731-C40-GM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4830 SILABS-SI4830 Datasheet
1Mb / 3P
   Broadcast Mechanical Tuning AM/FM Radio Receiver
SI4730-D60-GU SILABS-SI4730-D60-GU Datasheet
1Mb / 42P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D60 SKYWORKS-SI4730-D60 Datasheet
503Kb / 40P
   BROADCAST AM/FM/SW/LW RADIO RECEIVER
Revision 1.0 to Revision 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com