Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Si4705-D60-GM Fiches technique(PDF) 6 Page - Silicon Laboratories

No de pièce Si4705-D60-GM
Description  BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4705-D60-GM Fiches technique(HTML) 6 Page - Silicon Laboratories

Back Button Si4705-D60-GM Datasheet HTML 2Page - Silicon Laboratories Si4705-D60-GM Datasheet HTML 3Page - Silicon Laboratories Si4705-D60-GM Datasheet HTML 4Page - Silicon Laboratories Si4705-D60-GM Datasheet HTML 5Page - Silicon Laboratories Si4705-D60-GM Datasheet HTML 6Page - Silicon Laboratories Si4705-D60-GM Datasheet HTML 7Page - Silicon Laboratories Si4705-D60-GM Datasheet HTML 8Page - Silicon Laboratories Si4705-D60-GM Datasheet HTML 9Page - Silicon Laboratories Si4705-D60-GM Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Si4704/05-D60
6
Rev. 1.2
Table 2. DC Characteristics
(VA = 2.7 to 5.5 V, VD = 1.62 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
FM Mode
VAQFN Supply Current
IFMVA
Digital Output Mode1
—8.2
9.5
mA
VDQFN Supply Current
IFMVD
10.5
13.5
VASSOP Supply Current
IFMVA
18.5
21.5
VDSSOP Supply Current
IFMVD
0.15
0.6
VAQFN Supply Current
IFMVA
Analog Output Mode2
—9.1
10.3
VDQFN Supply Current
IFMVD
—9.9
12.8
VASSOP Supply Current
IFMVA
19.1
21.3
VDSSOP Supply Current
IFMVD
0.1
0.6
Powerdown
VAQFN Powerdown Current
IAPD
—4
15
µA
VASSOP Powerdown Current
9.5
15
VDQFN Powerdown Current
IDPD
SCLK, RCLK inactive
3
10
µA
VDSSOP Powerdown Current
SCLK, RCLK inactive
3
10
High Level Input Voltage3
VIH
0.7 x VD
—VD +0.3
V
Low Level Input Voltage3
VIL
–0.3
0.3 x VD
V
High Level Input Current3
IIH
VIN =VD =3.6 V
–10
10
µA
Low Level Input Current3
IIL
VIN =0V,
VD =3.6 V
–10
10
µA
High Level Output Voltage4
VOH
IOUT = 500 µA
0.8 x VD
——
V
Low Level Output Voltage4
VOL
IOUT = –500 µA
0.2 x VD
V
Notes:
1.
Guaranteed by characterization.
2.
Backwards compatible mode to rev B and rev C. Additional features on this device may increase typical supply current.
3.
For input pins SCLK, SEN, SDIO, RST, RCLK, DCLK, DFS, GPO1, GPO2, and GPO3.
4.
For output pins SDIO, DOUT, GPO1, GPO2, and GPO3.


Numéro de pièce similaire - Si4705-D60-GM

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI4705-D60-GM ETC2-SI4705-D60-GM Datasheet
199Kb / 2P
   Enhanced Broadcast FM Radio Receiver for Portable Applications
logo
Skyworks Solutions Inc.
SI4705-D60-GM SKYWORKS-SI4705-D60-GM Datasheet
500Kb / 38P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Revision 0.4 to Revision 1.0
More results

Description similaire - Si4705-D60-GM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4704-D60 SILABS-SI4704-D60 Datasheet
1Mb / 39P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
logo
Skyworks Solutions Inc.
SI4704-D60 SKYWORKS-SI4704-D60 Datasheet
500Kb / 38P
   BROADCAST FM RADIO RECEIVER WITH RDS/RBDS
Revision 0.4 to Revision 1.0
logo
Silicon Laboratories
SI4706-C31 SILABS-SI4706-C31 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE FM RDS/RBDS RECEIVER
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com