Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4460-C2A-GM Fiches technique(PDF) 10 Page - Silicon Laboratories

No de pièce SI4460-C2A-GM
Description  HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4460-C2A-GM Fiches technique(HTML) 10 Page - Silicon Laboratories

Back Button SI4460-C2A-GM Datasheet HTML 6Page - Silicon Laboratories SI4460-C2A-GM Datasheet HTML 7Page - Silicon Laboratories SI4460-C2A-GM Datasheet HTML 8Page - Silicon Laboratories SI4460-C2A-GM Datasheet HTML 9Page - Silicon Laboratories SI4460-C2A-GM Datasheet HTML 10Page - Silicon Laboratories SI4460-C2A-GM Datasheet HTML 11Page - Silicon Laboratories SI4460-C2A-GM Datasheet HTML 12Page - Silicon Laboratories SI4460-C2A-GM Datasheet HTML 13Page - Silicon Laboratories SI4460-C2A-GM Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
Si4463/61/60-C
10
Rev 1.0
Output Power Variation
(Si4463)
At 20 dBm PA power setting, 915 MHz,
Class E match, 3.3 V, 25 °C
19
20
21
dBm
Output Power Variation
(Si4460)
At 10 dBm PA power setting, 915 MHz,
Class E match, 3.3 V, 25 °C
910
11
dBm
Output Power Variation
(Si4463)
At 20 dBm PA power setting, 169 MHz,
Square Wave match, 3.3 V, 25 °C
18.5
20
21
dBm
Output Power Variation
(Si4460)
At 10 dBm PA power setting, 169 MHz,
Square Wave match, 3.3 V, 25 °C
9.5
10
10.5
dBm
TX RF Output Steps
PRF_OUT
Using switched current match within
6 dB of max power using CLE match
within 6 dB of max power
0.25
0.4
dB
TX RF Output Level
Variation vs. Temperature
PRF_TEMP
–40 to +85
C—
2.3
3
dB
TX RF Output Level
Variation vs. Frequency
PRF_FREQ
Measured across 902–928 MHz
0.6
1.7
dB
Transmit Modulation
Filtering
BT
Gaussian Filtering Bandwith Time
Product
—0.5
Table 4. Transmitter AC Electrical Characteristics (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2.
The maximum data rate is dependent on the XTAL frequency and is calculated as per the formula: Maximum Symbol
Rate = Fxtal/60, where Fxtal is the XTAL frequency (typically 30 MHz).
3.
Default API setting for modulation deviation resolution is double the typical value specified.
4.
Output power is dependent on matching components and board layout.


Numéro de pièce similaire - SI4460-C2A-GM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4460-C2A-GM SILABS-SI4460-C2A-GM Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
More results

Description similaire - SI4460-C2A-GM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
4463C-915-PDK SILABS-4463C-915-PDK Datasheet
1Mb / 56P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
SI4467-A2A-IM SILABS-SI4467-A2A-IM Datasheet
1Mb / 57P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
SI4463-C2A-GM SILABS-SI4463-C2A-GM Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
SI4438-C2A-GM SILABS-SI4438-C2A-GM Datasheet
1Mb / 44P
   GH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0
logo
Texas Instruments
CC1121RHBT TI1-CC1121RHBT Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
logo
HOPE Microelectronics C...
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
   Low Power High Performance GFSK Transceiver
logo
Texas Instruments
CC1200 TI1-CC1200 Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Performance RF Transceiver
CC1201 TI1-CC1201 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Power, High-Performance RF Transceiver
CC1121 TI1-CC1121 Datasheet
897Kb / 29P
[Old version datasheet]   High Performance Low Power RF Transceiver
logo
HOPE Microelectronics C...
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com