Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4455-B1A-FM Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce SI4455-B1A-FM
Description  EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4455-B1A-FM Fiches technique(HTML) 4 Page - Silicon Laboratories

  SI4455-B1A-FM Datasheet HTML 1Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 2Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 3Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 4Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 5Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 6Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 7Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 8Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Si4455
4
Rev 1.1
1. Electrical Specifications
Table 1. Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Temperature
TA
–40
25
85
°C
Supply Voltage
VDD
1.8
3.6
V
I/O Drive Voltage
VGPIO
1.8
3.6
V
Table 2. DC Characteristics*
Parameter
Symbol
Test Condition
Min
Typ Max Unit
Supply Voltage Range
VDD
1.8
3.3
3.6
V
Power Saving Modes
IShutdown
RC oscillator, main digital regulator, and low
power digital regulator OFF.
—30
nA
IStandby
Register values maintained.
50
nA
IReady
Crystal Oscillator and Main Digital Regulator ON,
all other blocks OFF.
—2
mA
ISPI Active
SPI active state
1.35
mA
TUNE Mode Current
ITune_RX
RX Tune
6.5
mA
ITune_TX
TX Tune
6.9
mA
RX Mode Current
IRX
—10
mA
TX Mode Current
ITX
+10 dBm output power, 868 MHz
18
mA
+13 dBm output power, 868 MHz
30
mA
*Note:
All specifications are guaranteed by production test unless otherwise noted. Production test conditions and max limits
are listed in section "1.1. Definition of Test Conditions" on page 11.


Numéro de pièce similaire - SI4455-B1A-FM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4455-2 SILABS-SI4455-2 Datasheet
325Kb / 9P
   The kits support use of the Wireless Development Suite
Si4455-C2A-GM SILABS-Si4455-C2A-GM Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
SI4455-C2A-GMR SILABS-SI4455-C2A-GMR Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
More results

Description similaire - SI4455-B1A-FM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4355 SILABS-SI4355 Datasheet
275Kb / 34P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ RECEIVER
SI4455-C2A-GMR SILABS-SI4455-C2A-GMR Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
logo
Analog Devices
ADF7024 AD-ADF7024 Datasheet
603Kb / 24P
   Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
logo
ON Semiconductor
NCV53480 ONSEMI-NCV53480 Datasheet
542Kb / 60P
   Low-Power OOK/FSK/ASK ISM Band Transceiver
August, 2013 ??Rev. 6
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
   Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
RF Micro Devices
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
   433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com