Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4455-B1A-FM Fiches technique(PDF) 11 Page - Silicon Laboratories

No de pièce SI4455-B1A-FM
Description  EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4455-B1A-FM Fiches technique(HTML) 11 Page - Silicon Laboratories

Back Button SI4455-B1A-FM Datasheet HTML 7Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 8Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 9Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 10Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 11Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 12Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 13Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 14Page - Silicon Laboratories SI4455-B1A-FM Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Si4455
Rev 1.1
11
1.1. Definition of Test Conditions
Production Test Conditions:

TA =+25 °C

VDD =+3.3VDC

Sensitivity measured at 434 MHz using a PN15 modulated input signal and with packet handler mode
enabled.

External reference signal (XIN) = 1.0 VPP at 30 MHz, centered around 0.8 VDC

RF input and output levels can typically be achieved at the antenna port after filtering components.
Qualification Test Conditions:

TA = –40 to +85 °C (typical = 25 °C)

VDD = +1.8 to +3.6 VDC (typical = 3.3 VDC)

Use TX/RX Split Antenna reference design or production test schematic

RF input and output levels can typically be achieved at the antenna port after filtering components.


Numéro de pièce similaire - SI4455-B1A-FM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4455-2 SILABS-SI4455-2 Datasheet
325Kb / 9P
   The kits support use of the Wireless Development Suite
Si4455-C2A-GM SILABS-Si4455-C2A-GM Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
SI4455-C2A-GMR SILABS-SI4455-C2A-GMR Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
More results

Description similaire - SI4455-B1A-FM

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI4355 SILABS-SI4355 Datasheet
275Kb / 34P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ RECEIVER
SI4455-C2A-GMR SILABS-SI4455-C2A-GMR Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
logo
Analog Devices
ADF7024 AD-ADF7024 Datasheet
603Kb / 24P
   Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
logo
ON Semiconductor
NCV53480 ONSEMI-NCV53480 Datasheet
542Kb / 60P
   Low-Power OOK/FSK/ASK ISM Band Transceiver
August, 2013 ??Rev. 6
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
   Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
logo
RF Micro Devices
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
   433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com