Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI4340DY Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI4340DY
Description  Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4340DY Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI4340DY Datasheet HTML 1Page - Vishay Siliconix SI4340DY Datasheet HTML 2Page - Vishay Siliconix SI4340DY Datasheet HTML 3Page - Vishay Siliconix SI4340DY Datasheet HTML 4Page - Vishay Siliconix SI4340DY Datasheet HTML 5Page - Vishay Siliconix SI4340DY Datasheet HTML 6Page - Vishay Siliconix SI4340DY Datasheet HTML 7Page - Vishay Siliconix SI4340DY Datasheet HTML 8Page - Vishay Siliconix SI4340DY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
D TrenchFETr Power MOSFET
D 100% Rg Tested
APPLICATIONS
D DC/DC Converters
- Game Stations
- Notebook PC Logic
Si4340DY
Vishay Siliconix
New Product
Document Number: 72376
S-31857—Rev. A, 15-Sep-03
www.vishay.com
1
Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
Channel 1
0.012 @ VGS = 10 V
9.6
Channel-1
20
0.0175 @ VGS = 4.5 V
7.8
Channel 2
20
0.010 @ VGS = 10 V
13.5
Channel-2
0.0115 @ VGS = 4.5 V
12.8
SCHOTTKY PRODUCT SUMMARY
VDS (V)
VSD (V)
Diode Forward Voltage
IF (A)
20
0.53 V @ 3 A
2.0
D1
S1
D1
S1
G1
D2
G2
D2
SO-14
11
12
13
14
Top View
2
3
4
1
G2
S2
G1
S1
D1
D2
N-Channel 2
MOSFET
N-Channel 1
MOSFET
Schottky Diode
S2
D2
S2
D2
S2
D2
8
9
10
5
6
7
Ordering Information: Si4340DY
Si4340DY-T1 (with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Channel-1
Channel-2
Parameter
Symbol
10 secs
Steady State
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
"20
"16
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
9.6
7.3
13.5
9.5
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
7.7
5.8
10.8
7.5
A
Pulsed Drain Current
IDM
40
50
A
Continuous Source Current (Diode Conduction)a
IS
1.8
1.04
2.73
1.30
Maximum Power Dissipationa
TA = 25_C
PD
2.0
1.14
3.0
1.43
W
Maximum Power Dissipationa
TA = 70_C
PD
1.28
0.73
1.9
0.91
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
_C
THERMAL RESISTANCE RATINGS
Channel-1
Channel-2
Schottky
Parameter
Symbol
Typ
Max
Typ
Max
Typ
Max
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
53
62.5
35
42
40
48
Maximum Junction-to-Ambienta
Steady-State
RthJA
92
110
72
87
76
93
_C/W
Maximum Junction-to-Foot (Drain)
Steady-State
RthJF
35
42
18
23
21
25
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Numéro de pièce similaire - SI4340DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4340DY VISHAY-SI4340DY Datasheet
147Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4340DY VISHAY-SI4340DY_V01 Datasheet
147Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results

Description similaire - SI4340DY

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI4340DDY VISHAY-SI4340DDY Datasheet
230Kb / 15P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. A, 02-Mar-11
SI4340DY VISHAY-SI4340DY_V01 Datasheet
147Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7980DP VISHAY-SI7980DP_V01 Datasheet
345Kb / 18P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI7980DP VISHAY-SI7980DP Datasheet
538Kb / 18P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-08
SI4340CDY VISHAY-SI4340CDY Datasheet
154Kb / 12P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 07-Jul-08
SI4340CDY VISHAY-SI4340CDY_V01 Datasheet
1Mb / 12P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
logo
Analog Power
AM3826N ANALOGPOWER-AM3826N Datasheet
286Kb / 5P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SI3812DV VISHAY-SI3812DV_08 Datasheet
111Kb / 7P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. E, 18-Aug-03
SI5858DU VISHAY-SI5858DU Datasheet
126Kb / 10P
   N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 23-Jun-08
SI3812DV VISHAY-SI3812DV Datasheet
52Kb / 6P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. D, 16-Apr-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com