Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EZR32WG330F128R55G Fiches technique(PDF) 7 Page - Silicon Laboratories

No de pièce EZR32WG330F128R55G
Description  EZR32WG Wireless MCUs EZR32WG330 Data Sheet
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EZR32WG330F128R55G Fiches technique(HTML) 7 Page - Silicon Laboratories

Back Button EZR32WG330F128R55G Datasheet HTML 3Page - Silicon Laboratories EZR32WG330F128R55G Datasheet HTML 4Page - Silicon Laboratories EZR32WG330F128R55G Datasheet HTML 5Page - Silicon Laboratories EZR32WG330F128R55G Datasheet HTML 6Page - Silicon Laboratories EZR32WG330F128R55G Datasheet HTML 7Page - Silicon Laboratories EZR32WG330F128R55G Datasheet HTML 8Page - Silicon Laboratories EZR32WG330F128R55G Datasheet HTML 9Page - Silicon Laboratories EZR32WG330F128R55G Datasheet HTML 10Page - Silicon Laboratories EZR32WG330F128R55G Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
3.1.25 Operational Amplifier (OPAMP)
The EZR32WG330 features 2 Operational Amplifiers. The Operational Amplifier is a versatile general purpose amplifier with rail-to-rail
differential input and rail-to-rail single ended output. The input can be set to pin, DAC or OPAMP, whereas the output can be pin,
OPAMP or ADC. The current is programmable and the OPAMP has various internal configurations such as unity gain, programmable
gain using internal resistors, etc.
3.1.26 Low Energy Sensor Interface (LESENSE)
The Low Energy Sensor Interface (LESENSE), is a highly configurable sensor interface with support for up to 16 individually configu-
rable sensors. By controlling the analog comparators and DAC, LESENSE is capable of supporting a wide range of sensors and meas-
urement schemes, and can for instance measure LC sensors, resistive sensors and capacitive sensors. LESENSE also includes a pro-
grammable FSM which enables simple processing of measurement results without CPU intervention. LESENSE is available in energy
mode EM2, in addition to EM0 and EM1, making it ideal for sensor monitoring in applications with a strict energy budget.
3.1.27 Backup Power Domain
The backup power domain is a separate power domain containing a Backup Real Time Counter, BURTC, and a set of retention regis-
ters, available in all energy modes. This power domain can be configured to automatically change power source to a backup battery
when the main power drains out. The backup power domain enables the EZR32WG330 to keep track of time and retain data, even if
the main power source should drain out.
3.1.28 Advanced Encryption Standard Accelerator (AES)
The AES accelerator performs AES encryption and decryption with 128-bit or 256-bit keys. Encrypting or decrypting one 128-bit data
block takes 52 HFCORECLK cycles with 128-bit keys and 75 HFCORECLK cycles with 256-bit keys. The AES module is an AHB slave
which enables efficient access to the data and key registers. All write accesses to the AES module must be 32-bit operations (i.e., 8- or
16-bit operations are not supported).
3.1.29 General Purpose Input/Output (GPIO)
In the EZR32WG330, there are 38 General Purpose Input/Output (GPIO) pins, which are divided into ports with up to 16 pins each.
These pins can individually be configured as either an output or input. More advanced configurations like open-drain, filtering and drive
strength can also be configured individually for the pins. The GPIO pins can also be overridden by peripheral pin connections, like Tim-
er PWM outputs or USART communication, which can be routed to several locations on the device. The GPIO supports up to 16 asyn-
chronous external pin interrupts, which enables interrupts from any pin on the device. Also, the input value of a pin can be routed
through the Peripheral Reflex System to other peripherals.
EZR32WG330 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.1 | 6


Numéro de pièce similaire - EZR32WG330F128R55G

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
EZR32WG330F128R55G SILABS-EZR32WG330F128R55G Datasheet
1Mb / 87P
   Building and home automation
EZR32WG330F128R55G-B0 SILABS-EZR32WG330F128R55G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32WG330F128R55G-B0R SILABS-EZR32WG330F128R55G-B0R Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
More results

Description similaire - EZR32WG330F128R55G

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
EZR32WG230F256 SILABS-EZR32WG230F256 Datasheet
1Mb / 87P
   EZR32WG Wireless MCUs EZR32WG230 Data Sheet
EZR32WG SILABS-EZR32WG Datasheet
1Mb / 89P
   EZR32WG Wireless MCUs
Rev. 2.1
EZR32LG230F256 SILABS-EZR32LG230F256 Datasheet
1Mb / 87P
   EZR32LG Wireless MCUs EZR32LG230 Data Sheet
EZR32LG330F256 SILABS-EZR32LG330F256 Datasheet
1Mb / 87P
   EZR32LG Wireless MCUs EZR32LG330 Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
BGM210P SILABS-BGM210P Datasheet
2Mb / 50P
   BGM210P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.3
BGM220P SILABS-BGM220P Datasheet
2Mb / 49P
   BGM220P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.0
BGM240P SILABS-BGM240P Datasheet
3Mb / 62P
   BGM240P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.0
BGX220P SILABS-BGX220P Datasheet
2Mb / 39P
   BGX220P Wireless Gecko Bluetooth Xpress Module Data Sheet
Rev. 1.0
BGM13P SILABS-BGM13P Datasheet
4Mb / 103P
   BGM13P Wireless Gecko Bluetooth ® Module Data Sheet
Rev. 1.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com