Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGIB10CH60TS-L Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STGIB10CH60TS-L
Description  3-phase inverters for motor drives
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB10CH60TS-L Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STGIB10CH60TS-L Datasheet HTML 5Page - STMicroelectronics STGIB10CH60TS-L Datasheet HTML 6Page - STMicroelectronics STGIB10CH60TS-L Datasheet HTML 7Page - STMicroelectronics STGIB10CH60TS-L Datasheet HTML 8Page - STMicroelectronics STGIB10CH60TS-L Datasheet HTML 9Page - STMicroelectronics STGIB10CH60TS-L Datasheet HTML 10Page - STMicroelectronics STGIB10CH60TS-L Datasheet HTML 11Page - STMicroelectronics STGIB10CH60TS-L Datasheet HTML 12Page - STMicroelectronics STGIB10CH60TS-L Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
STGIB10CH60TS-L
Electrical characteristics
DocID026353 Rev 6
9/24
Table 10: Temperature sensor output
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VTSO
Temperature sensor output
voltage
Tj = 25 °C
0.974
1.16
1.345
V
ITSO_SNK
Temperature sensor sink
current capability
0.1
mA
ITSO_SRC
Temperature sensor source
current capability
4
mA
Table 11: Sense comparator (VCC = 15 V, unless otherwise is specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICIN
CIN input bias current
VCIN =1 V
-0.2
0.2
µA
Vref
Internal reference voltage
460
510
560
mV
VOD
Open drain low level output
voltage
Iod = 5 mA
500
mV
tCIN_SD
CIN comparator delay to
SD
̅̅̅̅
SD
̅̅̅̅ pulled to 5 V through
RSD
=10 kΩ; measured
applying a voltage step 0-1 V
to pin CIN 50% CIN to 90%
SD
̅̅̅̅
240
320
410
ns
SRSD
SD
̅̅̅̅ fall slew rate
SD
̅̅̅̅ pulled to 5 V through
RSD
=10 kΩ; CL=1 nF through
SD
̅̅̅̅ and ground; 90% SD
̅̅̅̅ to
10%
SD
̅̅̅̅
25
V/µs
Comparator stay enabled even if VCC is in UVLO condition but higher than 4 V.


Numéro de pièce similaire - STGIB10CH60TS-L

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGIB10CH60TS-LZ STMICROELECTRONICS-STGIB10CH60TS-LZ Datasheet
763Kb / 24P
   SLLIMM - 2nd series IPM, 3-phase inverter, 15 A, 600 V, short‑circuit rugged IGBT
October 2021 Rev 2
More results

Description similaire - STGIB10CH60TS-L

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGIPS10C60 STMICROELECTRONICS-STGIPS10C60 Datasheet
623Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
STGIB15CH60TS-E STMICROELECTRONICS-STGIB15CH60TS-E Datasheet
1Mb / 24P
   3-phase inverters for motor drives
November 2016 Rev 6
STGIB15CH60TS-L STMICROELECTRONICS-STGIB15CH60TS-L Datasheet
1Mb / 24P
   3-phase inverters for motor drives
November 2016 Rev 6
STGIPL30C60-H STMICROELECTRONICS-STGIPL30C60-H Datasheet
1Mb / 24P
   3-phase inverters for motor drives
July 2013 Rev 4
STGIPS20C60T-H STMICROELECTRONICS-STGIPS20C60T-H Datasheet
992Kb / 19P
   3-phase inverters for motor drives
STGIPS15C60T-H STMICROELECTRONICS-STGIPS15C60T-H Datasheet
640Kb / 19P
   3-phase inverters for motor drives
STGIF5CH60TS-L STMICROELECTRONICS-STGIF5CH60TS-L Datasheet
600Kb / 25P
   3-phase inverters for motor drives
September 2015 Rev 5
STGIF5CH60TS-E STMICROELECTRONICS-STGIF5CH60TS-E Datasheet
648Kb / 22P
   3-phase inverters for motor drives
STGIPS15C60 STMICROELECTRONICS-STGIPS15C60 Datasheet
611Kb / 20P
   3-phase inverters for motor drives
April 2015 Rev 3
STGIF10CH60TS-L STMICROELECTRONICS-STGIF10CH60TS-L Datasheet
490Kb / 25P
   3-phase inverters for motor drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com