Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STFW2N105K5 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STFW2N105K5
Description  N-channel 1050 V, 6 廓 typ., 1.5 A Zener-protected SuperMESH??5 Power MOSFET in a TO-3PF package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW2N105K5 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button STFW2N105K5 Datasheet HTML 3Page - STMicroelectronics STFW2N105K5 Datasheet HTML 4Page - STMicroelectronics STFW2N105K5 Datasheet HTML 5Page - STMicroelectronics STFW2N105K5 Datasheet HTML 6Page - STMicroelectronics STFW2N105K5 Datasheet HTML 7Page - STMicroelectronics STFW2N105K5 Datasheet HTML 8Page - STMicroelectronics STFW2N105K5 Datasheet HTML 9Page - STMicroelectronics STFW2N105K5 Datasheet HTML 10Page - STMicroelectronics STFW2N105K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DocID026320 Rev 1
7/14
STFW2N105K5
Electrical characteristics
14
Figure 8. Capacitance variations
Figure 9. Output capacitance stored energy
Figure 10. Normalized gate threshold voltage vs
temperature
Figure 11. Normalized on-resistance vs
temperature
Figure 12. Source-drain diode forward
characteristics
Figure 13. Normalized V(BR)DSS vs temperature
C
10
1
0.1
1
100
VDS(V)
10
(pF)
0.1
100
1000
GIPG210320141129SA
E
2
0
200
600
VDS(V)
400
(
µJ)
0
800
GIPG210320141201SA
VGS(th)
0.8
-100
-50
50
Tj(°C)
0
(norm)
0.4
100
0.6
1
1.2
150
GIPG210320141203SA
RDS(on)
1
-100
-50
50
Tj(°C)
0
(norm)
0
100
0.5
1.5
2
150
2.5
ID= 0.75A
VGS= 10V
GIPG210320141419SA
VSD
0.7
00.2
0.6
ISD(A)
0.4
(V)
0.5
0.8
0.6
0.8
0.9
1
Tj= 150°C
Tj= -50°C
Tj= 25°C
1
1.2
GIPG210320141436SA
V(BR)DSS
0.95
-100
-50
50
Tj(°C)
0
(norm)
0.85
100
0.9
1
1.05
150
1.1
ID= 1mA
1.15
GIPG210320141421SA


Numéro de pièce similaire - STFW2N105K5

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
STFW20N65M5 ISC-STFW20N65M5 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STFW20N65M5 STMICROELECTRONICS-STFW20N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
March 2017
More results

Description similaire - STFW2N105K5

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STF8N80K5 STMICROELECTRONICS-STF8N80K5 Datasheet
1Mb / 15P
   N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220FP
STD3PK50Z STMICROELECTRONICS-STD3PK50Z Datasheet
740Kb / 15P
   P-channel 500 V, 3 廓 typ., 2.8 A Zener-protected SuperMESH??Power MOSFET in a DPAK package
STL8N80K5 STMICROELECTRONICS-STL8N80K5 Datasheet
1Mb / 17P
   N-channel 800 V, 0.80 typ., 4.5 A Zener-protected SuperMESH 5 Power MOSFET in a PowerFLAT
STFW3N170 STMICROELECTRONICS-STFW3N170 Datasheet
702Kb / 12P
   N-channel 1700 V, 7 廓 typ., 2.6 A PowerMESH??Power MOSFET in a TO-3PF package
September 2015 Rev 3
STP8N80K5 STMICROELECTRONICS-STP8N80K5 Datasheet
1Mb / 16P
   N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
STFI20NK50Z STMICROELECTRONICS-STFI20NK50Z Datasheet
531Kb / 13P
   N-channel 500 V, 0.23 廓, 17 A Zener-protected SuperMESH?? Power MOSFET in I짼PAKFP package
March 2012 Rev 3
STFI13NK60Z STMICROELECTRONICS-STFI13NK60Z Datasheet
516Kb / 13P
   N-channel 600 V, 0.48 廓, 13 A, Zener-protected SuperMESH??Power MOSFET in I짼PAKFP package
March 2012 Rev 3
STP5N105K5 STMICROELECTRONICS-STP5N105K5 Datasheet
639Kb / 14P
   N-channel 1050 V, 2.9 廓 typ., 3 A MDmesh??K5 Power MOSFET in a TO-220 package
October 2014 Rev 3
STFW8N120K5 STMICROELECTRONICS-STFW8N120K5 Datasheet
302Kb / 12P
   N-channel 1200 V, 1.65 Ω typ., 6 A, MDmesh K5 Power MOSFET in a TO-3PF package
DS12562 - Rev 2 - July 2018
logo
STATEK CORPORATION
STU3N45K3 STATEK-STU3N45K3 Datasheet
838Kb / 14P
   N-channel 450 V - 3.3 廓 typ., 1.8 A Zener-protected SuperMESH3??Power MOSFET in a IPAK package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com