Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GST5009CLF Fiches technique(PDF) 1 Page - Bothhand USA, LP.

No de pièce GST5009CLF
Description  1000 BASE ?밫 MAGNETICS MODULES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

GST5009CLF Fiches technique(HTML) 1 Page - Bothhand USA, LP.

  GST5009CLF_17 Datasheet HTML 1Page - Bothhand USA, LP. GST5009CLF_17 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1000 BASE –T MAGNETICS MODULES
P/N: GST5009C LF DATA SHEET
Page : 1/1
A01 (11/10)
Feature
Designed for long haul gigabit Ethernet 1000 BASE-T, full
duplex applications.
Supports 4 pairs of category 5 UTP cable.
Cable interface for isolation and low common mode emissions.
Compliant with IEEE 802.3ab standard for 1000 BASE-T.
Comply with ROHS & Halogen Free requirements.
Operating temperature range: 0℃ to +70℃.
Storage temperature range: -10℃ to +85℃
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk Attenuation
(dB Min)
Part
Number
TX
RX
OCL (uH Min)
@100KHz/0.1V
with 8mA DC Bias
30MHz
60MHz
100MHz
HI-POT
(Vrms)
GST5009C LF
1CT:1CT
1CT:1CT
350
-45
-40
-35
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)@ Load 100Ω
DCMR
(dB Min)
Part
Number
1-100MHz
1-30MHz
40MHz
50MHz
60-80MHz 100MHz
30MHz
60MHz
100MHz
GST5009C LF
-1.0
-18
-14.4
-13.1
-12
-10
-40
-35
-30
Schematic
www.bothhandusa.com
sales@bothhandusa.com


Numéro de pièce similaire - GST5009CLF_17

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
GST5009CLF BOTHHAND-GST5009CLF Datasheet
81Kb / 1P
   1000 BASE -T MAGNETICS MODULES
More results

Description similaire - GST5009CLF_17

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
VP6014DM BOTHHAND-VP6014DM Datasheet
267Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
24SH10410HF BOTHHAND-24SH10410HF Datasheet
616Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
GST5006LF BOTHHAND-GST5006LF Datasheet
171Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
24HSS1041M-2HF BOTHHAND-24HSS1041M-2HF Datasheet
251Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
24HSS1041RZ-2HF BOTHHAND-24HSS1041RZ-2HF Datasheet
270Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
24SH10416HF BOTHHAND-24SH10416HF Datasheet
241Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
G1PM109NLF BOTHHAND-G1PM109NLF Datasheet
622Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
GST5009MLF BOTHHAND-GST5009MLF_17 Datasheet
103Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
GST5009BLF BOTHHAND-GST5009BLF Datasheet
101Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
GSL5009-1LF BOTHHAND-GSL5009-1LF Datasheet
103Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
GST5009AT BOTHHAND-GST5009AT Datasheet
105Kb / 2P
   1000 BASE ?밫 MAGNETICS MODULES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com