Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCE937 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCE937
Description  Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE937 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button CDCE937 Datasheet HTML 6Page - Texas Instruments CDCE937 Datasheet HTML 7Page - Texas Instruments CDCE937 Datasheet HTML 8Page - Texas Instruments CDCE937 Datasheet HTML 9Page - Texas Instruments CDCE937 Datasheet HTML 10Page - Texas Instruments CDCE937 Datasheet HTML 11Page - Texas Instruments CDCE937 Datasheet HTML 12Page - Texas Instruments CDCE937 Datasheet HTML 13Page - Texas Instruments CDCE937 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
LVCMOS
LVCMOS
Typical Driver
Impedance
~ 32 :
Line Impedance
Zo = 50 :
Series
Termination
~ 18 :
CDCE937
CDCEL937
Copyright © 2016, Texas Instruments Incorporated
10 pF
LVCMOS
1 k
1 k
CDCE937
CDCEL937
Copyright © 2016, Texas Instruments Incorporated
10
CDCE937, CDCEL937
SLAS564G – AUGUST 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: CDCE937 CDCEL937
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7 Parameter Measurement Information
Figure 4. Test Load
Figure 5. Test Load for 50-Ω Board Environment


Numéro de pièce similaire - CDCE937

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCE937 TI-CDCE937 Datasheet
376Kb / 21P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V, and 3.3-V Outputs
CDCE937 TI-CDCE937 Datasheet
481Kb / 30P
[Old version datasheet]   Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
CDCE937 TI1-CDCE937 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
More results

Description similaire - CDCE937

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
P3MS650100H ONSEMI-P3MS650100H Datasheet
218Kb / 7P
   LVCMOS Peak EMI Reduction Clock Generator
August, 2011 ??Rev. 0
P3MS650103H ONSEMI-P3MS650103H Datasheet
156Kb / 7P
   LVCMOS Peak EMI Reduction Clock Generator
September, 2011 ??Rev. 0
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
logo
Cypress Semiconductor
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
Texas Instruments
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
[Old version datasheet]   SSC Clock Generator/Buffer
logo
Alliance Semiconductor ...
ASM3P2508SP ALSC-ASM3P2508SP Datasheet
303Kb / 7P
   Clock Synthesizer and Frequency Generator with Peak EMI reduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com