Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD88599Q5DC Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD88599Q5DC
Description  60-V Half-Bridge NexFET Power Block
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD88599Q5DC Fiches technique(HTML) 10 Page - Texas Instruments

Back Button CSD88599Q5DC Datasheet HTML 6Page - Texas Instruments CSD88599Q5DC Datasheet HTML 7Page - Texas Instruments CSD88599Q5DC Datasheet HTML 8Page - Texas Instruments CSD88599Q5DC Datasheet HTML 9Page - Texas Instruments CSD88599Q5DC Datasheet HTML 10Page - Texas Instruments CSD88599Q5DC Datasheet HTML 11Page - Texas Instruments CSD88599Q5DC Datasheet HTML 12Page - Texas Instruments CSD88599Q5DC Datasheet HTML 13Page - Texas Instruments CSD88599Q5DC Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Copyright © 2017, Texas Instruments Incorporated
GH1
GH2
GL1
SH1
GL2
SH2
SH3
GH3
Gate Driver
Three Phase
GL3
VCS
0
Rcs1
SPA
0
Rcs3
SPC
SPA
SPC
SPB
Q1
0
Q4
Vin
GH1
GL1
SH1
PGND
Vin
Vsw1
0
Q2
Q5
SH2
GH2
Vin
GL2
Vsw2
PGND
Q3
Q6
GH3
GL3
SH3
Vsw3
PGND
Vin
PB3
PB2
PB1
DRV8323RX
Rcs2
N
SPEED SET
TORQUE SET
SPB
PWM1
Sensors
Hall
U
PWM2
V
PWM4
PWM3
W
S
PWM6
PWM5
B
A
C
C
B
A
Inputs
Hall
10
CSD88599Q5DC
SLPS597 – APRIL 2017
www.ti.com
Product Folder Links: CSD88599Q5DC
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.2 Brushless DC Motor With Trapezoidal Control
The trapezoidal commutation control is simple and has fewer switching losses compared to sinusoidal control.
Figure 17. Functional Block Diagram
The block diagram shown in Figure 17 offers a simple instruction of what is required to drive a BLDC motor: one
microcontroller, one three-phase driver IC, 3 power blocks (historically 6 power MOSFETs) and 3 Hall effect
sensors. The microcontroller responsible for block commutation must always know the rotor orientation or its
position relative to the stator coils. This is easy achieved with a brushed DC motor due to the fixed geometry and
position of the rotor windings, shaft and commutator.
A three-phase BLDC motor requires three Hall effect sensors or a rotary encoder to detect the rotor position in
relation to stator armature windings. With input from these three Hall effect sensors output signals, the
microcontroller can determine the proper commutation sequence. The three Hall sensors named A, B, and C are
mounted on the stator core at 120° intervals and the stator phase windings are implemented in a star
configuration. For every 60° of motor rotation, one Hall sensor changes its state. Based on the Hall sensors'
output code, at the end of each block commutation interval the ampere conductors are commutated to the next
position. There are 6 steps required to complete a full electrical cycle. The number of block commutation cycles
to complete a full mechanical rotation is determined by the number of rotor pole pairs.


Numéro de pièce similaire - CSD88599Q5DC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD88537ND TI1-CSD88537ND Datasheet
1,006Kb / 13P
[Old version datasheet]   CSD88537ND, Dual 60 V N-Channel NexFET Power MOSFETs
CSD88537NDT TI1-CSD88537NDT Datasheet
1,006Kb / 13P
[Old version datasheet]   CSD88537ND, Dual 60 V N-Channel NexFET Power MOSFETs
CSD88539ND TI1-CSD88539ND Datasheet
961Kb / 13P
[Old version datasheet]   Dual 60 V N-Channel NexFET Power MOSFETs
CSD88539NDT TI1-CSD88539NDT Datasheet
961Kb / 13P
[Old version datasheet]   Dual 60 V N-Channel NexFET Power MOSFETs
CSD88539ND TI-CSD88539ND_15 Datasheet
985Kb / 14P
[Old version datasheet]   CSD88539ND, Dual 60 V N-Channel NexFET Power MOSFETs
More results

Description similaire - CSD88599Q5DC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD88584Q5DC TI1-CSD88584Q5DC Datasheet
658Kb / 24P
[Old version datasheet]   40-V Half-Bridge NexFET Power Block
logo
STMicroelectronics
STA517B STMICROELECTRONICS-STA517B Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
STA516B STMICROELECTRONICS-STA516B Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
logo
Texas Instruments
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18542KTT TI1-CSD18542KTT Datasheet
524Kb / 13P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFET
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com