Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCV857BDGG Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce CDCV857BDGG
Description  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDCV857BDGG Fiches technique(HTML) 5 Page - Texas Instruments

  CDCV857BDGG Datasheet HTML 1Page - Texas Instruments CDCV857BDGG Datasheet HTML 2Page - Texas Instruments CDCV857BDGG Datasheet HTML 3Page - Texas Instruments CDCV857BDGG Datasheet HTML 4Page - Texas Instruments CDCV857BDGG Datasheet HTML 5Page - Texas Instruments CDCV857BDGG Datasheet HTML 6Page - Texas Instruments CDCV857BDGG Datasheet HTML 7Page - Texas Instruments CDCV857BDGG Datasheet HTML 8Page - Texas Instruments CDCV857BDGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CDCV857B, CDCV857BI
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS689A − FEBRUARY 2003 − REVISED NOVEMBER 2010
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
TYP
MAX
UNIT
Supply voltage
VDDQ
2.3
2.7
V
Supply voltage
AVDD
VDDQ − 0.12
2.7
V
Low level input voltage V
CLK, CLK, FBIN, FBIN
VDDQ/2 – 0.18
V
Low-level input voltage, VIL
PWRDWN
−0.3
0.7
V
High level input voltage V
CLK, CLK, FBIN, FBIN
VDDQ/2 + 0.18
V
High-level input voltage, VIH
PWRDWN
1.7
VDDQ + 0.3
V
DC input signal voltage (see Note 5)
–0.3
VDDQ + 0.3
V
Differential input signal voltage V (see Note 6)
dc
CLK, FBIN
0.36
VDDQ + 0.6
V
Differential input signal voltage, VID (see Note 6)
ac
CLK, FBIN
0.7
VDDQ + 0.6
V
Input differential pair cross voltage, VIX (see Note 7)
VDDQ/2 – 0.2
VDDQ/2 + 0.2
V
High-level output current, IOH
−12
mA
Low-level output current, IOL
12
mA
Input slew rate, SR
1
4
V/ns
Operating free air temperature T
Commercial
0
85
°C
Operating free-air temperature, TA
Industrial
−40
85
°C
NOTES: 4. The unused inputs must be held high or low to prevent them from floating.
5. The dc input signal voltage specifies the allowable dc execution of the differential input.
6. The differential input signal voltage specifies the differential voltage |VTR − VCP| required for switching, where VTR is the true input
level and VCP is the complementary input level.
7. The differential cross-point voltage is expected to track variations of VCC and is the voltage at which the differential signals must
be crossing.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VIK
Input voltage
All inputs
VDDQ = 2.3 V, II = –18 mA
–1.2
V
V
High level output voltage
VDDQ = min to max, IOH = –1 mA
VDDQ – 0.1
V
VOH
High-level output voltage
VDDQ = 2.3 V, IOH = –12 mA
1.7
V
V
Low level output voltage
VDDQ = min to max, IOL = 1 mA
0.1
V
VOL
Low-level output voltage
VDDQ = 2.3 V, IOL = 12 mA
0.6
V
VOD
Output voltage swing}
Differential outputs are terminated
with 120 Ω /CL 14 pF (See
1.1
VDDQ – 0.4
V
VOX
Output differential cross-voltagew
with 120 Ω /CL = 14 pF (See
Figure 3)
VDDQ/2 – 0.15
VDDQ/2 VDDQ/2 + 0.15
V
II
Input current
VDDQ = 2.7 V, VI = 0 V to 2.7 V
±10
μA
IOZ
High-impedance state output current
VDDQ = 2.7 V, VO= VDDQ or GND
±10
μA
IDDPD
Power-down current on
VDDQ + AVDD
CLK and CLK = 0 MHz; PWRDWN
= Low; Σ of IDD and AIDD
20
100
μA
AI
Supply current on AV
fO = 170 MHz
7
10
mA
AIDD
Supply current on AVDD
fO = 200 MHz
9
12
mA
CI
Input capacitance
VDDQ = 2.5 V, VI = VDDQ or GND
2
2.5
3.5
pF
All typical values are at a respective nominal VDDQ.
The differential output signal voltage specifies the differential voltage ⎮VTR − VCP⎮, where VTR is the true output level and VCP is the
complementary output level.
§ The differential cross-point voltage is expected to track variations of VDDQ and is the voltage at which the differential signals must be crossing.
The frequency range is 100 MHz to 200 MHz.


Numéro de pièce similaire - CDCV857BDGG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCV857BDGG TI-CDCV857BDGG Datasheet
277Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BDGG TI1-CDCV857BDGG Datasheet
771Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BDGGG4 TI1-CDCV857BDGGG4 Datasheet
771Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BDGGR TI-CDCV857BDGGR Datasheet
277Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857BDGGR TI1-CDCV857BDGGR Datasheet
771Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
More results

Description similaire - CDCV857BDGG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCV857A TI1-CDCV857A_08 Datasheet
389Kb / 16P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCVF857 TI-CDCVF857 Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857 RENESAS-HD74CDCV857 Datasheet
226Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Hitachi Semiconductor
HD74CDCV857 HITACHI-HD74CDCV857 Datasheet
61Kb / 15P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857A TI-CDCV857A Datasheet
190Kb / 14P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857A RENESAS-HD74CDCV857A Datasheet
244Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV855 TI-CDCV855 Datasheet
137Kb / 10P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857B TI-CDCV857B Datasheet
277Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV855 TI1-CDCV855_16 Datasheet
765Kb / 15P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857 TI1-CDCV857_08 Datasheet
352Kb / 14P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com