Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCF2510PWRG4 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce CDCF2510PWRG4
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDCF2510PWRG4 Fiches technique(HTML) 3 Page - Texas Instruments

  CDCF2510PWRG4 Datasheet HTML 1Page - Texas Instruments CDCF2510PWRG4 Datasheet HTML 2Page - Texas Instruments CDCF2510PWRG4 Datasheet HTML 3Page - Texas Instruments CDCF2510PWRG4 Datasheet HTML 4Page - Texas Instruments CDCF2510PWRG4 Datasheet HTML 5Page - Texas Instruments CDCF2510PWRG4 Datasheet HTML 6Page - Texas Instruments CDCF2510PWRG4 Datasheet HTML 7Page - Texas Instruments CDCF2510PWRG4 Datasheet HTML 8Page - Texas Instruments CDCF2510PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CDCF2510
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS628D − APRIL 1999 − REVISED DECEMBER 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
CLK
24
I
Clock input. CLK provides the clock signal to be distributed by the CDCF2510 clock driver. CLK is used
to provide the reference signal to the integrated PLL that generates the clock output signals. CLK must
have a fixed frequency and fixed phase for the PLL to obtain phase lock. Once the circuit is powered
up and a valid CLK signal is applied, a stabilization time is required for the PLL to phase lock the
feedback signal to its reference signal.
FBIN
13
I
Feedback input. FBIN provides the feedback signal to the internal PLL. FBIN must be hard-wired to
FBOUT to complete the PLL. The integrated PLL synchronizes CLK and FBIN so that there is nominally
zero phase error between CLK and FBIN.
G
11
I
Output bank enable. G is the output enable for outputs 1Y(0:9). When G is low, outputs 1Y(0:9) are
disabled to a logic-low state. When G is high, all outputs 1Y(0:9) are enabled and switch at the same
frequency as CLK.
FBOUT
12
O
Feedback output. FBOUT is dedicated for external feedback. It switches at the same frequency as CLK.
When externally wired to FBIN, FBOUT completes the feedback loop of the PLL. FBOUT has an
integrated 25-
Ω series-damping resistor.
1Y (0:9)
3, 4, 5, 8, 9,
15, 16, 17, 20,
21
O
Clock outputs. These outputs provide low-skew copies of CLK. Output bank 1Y(0:9) is enabled via the
G input. These outputs can be disabled to a logic-low state by deasserting the G control input. Each
output has an integrated 25-
Ω series-damping resistor.
AVCC
23
Power
Analog power supply. AVCC provides the power reference for the analog circuitry. In addition, AVCC can
be used to bypass the PLL for test purposes. When AVCC is strapped to ground, PLL is bypassed and
CLK is buffered directly to the device outputs.
AGND
1
Ground
Analog ground. AGND provides the ground reference for the analog circuitry.
VCC
2, 10, 14, 22
Power
Power supply
GND
6, 7, 18, 19
Ground
Ground


Numéro de pièce similaire - CDCF2510PWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCF2510PWRG4 TI1-CDCF2510PWRG4 Datasheet
473Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
More results

Description similaire - CDCF2510PWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com