Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STFI13N65M2 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STFI13N65M2
Description  Zener-protected
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI13N65M2 Fiches technique(HTML) 3 Page - STMicroelectronics

  STFI13N65M2 Datasheet HTML 1Page - STMicroelectronics STFI13N65M2 Datasheet HTML 2Page - STMicroelectronics STFI13N65M2 Datasheet HTML 3Page - STMicroelectronics STFI13N65M2 Datasheet HTML 4Page - STMicroelectronics STFI13N65M2 Datasheet HTML 5Page - STMicroelectronics STFI13N65M2 Datasheet HTML 6Page - STMicroelectronics STFI13N65M2 Datasheet HTML 7Page - STMicroelectronics STFI13N65M2 Datasheet HTML 8Page - STMicroelectronics STFI13N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DocID026893 Rev 2
3/15
STF13N65M2,STFI13N65M2
Electrical ratings
15
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
10(1)
1.
Limited by maximum junction temperature..
A
ID
Drain current (continuous) at TC = 100 °C
6.3(1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
40(1)
A
PTOT
Total dissipation at TC = 25 °C
25
W
VISO
Insulation withstand voltage (RMS) from all three leads to
external heat sink (t = 1 s; TC =25 °C)
2500
V
dv/dt (3)
3.
ISD ≤ 10 A, di/dt ≤ 400 A/µs; VDS peak < V(BR)DSS, VDD=400 V
Peak diode recovery voltage slope
15
V/ns
dv/dt(4)
4.
VDS ≤ 520 V
MOSFET dv/dt ruggedness
50
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
5
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive
(pulse width limited by Tjmax)
1.8
A
EAS
Single pulse avalanche energy
(starting Tj = 25°C, ID =IAR;VDD =50V)
350
mJ


Numéro de pièce similaire - STFI13N65M2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STFI13N60M2 STMICROELECTRONICS-STFI13N60M2 Datasheet
1Mb / 14P
   Low gate input resistance
March 2014 Rev 4
More results

Description similaire - STFI13N65M2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD7N80K5 STMICROELECTRONICS-STD7N80K5 Datasheet
1,009Kb / 21P
   Zener-protected
October 2013 Rev 5
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
   Zener-protected
November 2016 Rev 1
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
   Zener-protected
November 2014 Rev 2
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
   Zener-protected
October 2016 Rev 1
STU6N90K5 STMICROELECTRONICS-STU6N90K5 Datasheet
704Kb / 12P
   Zener-protected
November 2016 Rev 1
STD12N50M2 STMICROELECTRONICS-STD12N50M2 Datasheet
754Kb / 16P
   Zener-protected
December 2014 Rev 4
STL12N65M2 STMICROELECTRONICS-STL12N65M2 Datasheet
472Kb / 15P
   Zener-protected
May 2015 Rev 1
STU7LN80K5 STMICROELECTRONICS-STU7LN80K5 Datasheet
406Kb / 12P
   Zener-protected
January 2016 Rev 1
STF16N65M2 STMICROELECTRONICS-STF16N65M2 Datasheet
786Kb / 13P
   Zener-protected
October 2014 Rev 1
STW20N90K5 STMICROELECTRONICS-STW20N90K5 Datasheet
695Kb / 12P
   Zener-protected
December 2016 Rev 2
STL18N65M2 STMICROELECTRONICS-STL18N65M2 Datasheet
710Kb / 14P
   Zener-protected
October 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com