Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD15N60M2-EP Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STD15N60M2-EP
Description  Extremely low gate charge
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD15N60M2-EP Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STD15N60M2-EP Datasheet HTML 2Page - STMicroelectronics STD15N60M2-EP Datasheet HTML 3Page - STMicroelectronics STD15N60M2-EP Datasheet HTML 4Page - STMicroelectronics STD15N60M2-EP Datasheet HTML 5Page - STMicroelectronics STD15N60M2-EP Datasheet HTML 6Page - STMicroelectronics STD15N60M2-EP Datasheet HTML 7Page - STMicroelectronics STD15N60M2-EP Datasheet HTML 8Page - STMicroelectronics STD15N60M2-EP Datasheet HTML 9Page - STMicroelectronics STD15N60M2-EP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STD15N60M2-EP
6/15
DocID027308 Rev 1
2.2
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Normalized gate threshold voltage
vs temperature
Figure 7: Normalized V(BR)DSS vs.
temperature
ID
10
1
0.1
1
VDS(V)
10
(A)
10µs
1ms
100µs
0.1
Tj=150°C
Tc=25°C
Single pulse
10ms
100
GIPG161220141511MT
δ
0.05
0.01
0.1
0.2
0.02
GIPG121220141416MT
ID
15
5
0
0
4
VDS(V)
8
(A)
12
6V
VGS=7, 8, 9, 10V
10
20
16
4V
5V
GIPG121220141419MT
ID
20
10
0
0
4
VGS(V)
8
(A)
2
6
5
15
VDS=17V
0.9
0.8
0.7
0.6
-75
-25
T
J(°C)
1.0
25
75
125
I
D = 250 µA
1.1
V
GS(th)
(norm)
GIPG181120141615ALS
GIPG191120141457ALS
-75
T
J(°C)
-25
75
25
125
0.88
0.92
0.96
1.04
1.00
1.08
I
D = 1mA
V
(BR)DSS
(norm)


Numéro de pièce similaire - STD15N60M2-EP

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD15N60DM6 STMICROELECTRONICS-STD15N60DM6 Datasheet
346Kb / 17P
   N-channel 600 V, 286 m廓 typ., 12 A MDmesh DM6 Power MOSFET in a DPAK package
Rev 1 - May 2020
More results

Description similaire - STD15N60M2-EP

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STWA48N60M2 STMICROELECTRONICS-STWA48N60M2 Datasheet
776Kb / 12P
   Extremely low gate charge
December 2015 Rev 1
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
   Extremely low gate charge
January 2015 Rev 1
STD7N60M2 STMICROELECTRONICS-STD7N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
June 2013 Rev 1
STB28N60M2 STMICROELECTRONICS-STB28N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
STD11N65M2 STMICROELECTRONICS-STD11N65M2 Datasheet
1Mb / 21P
   Extremely low gate charge
May 2014 Rev 1
STF5N60M2 STMICROELECTRONICS-STF5N60M2 Datasheet
743Kb / 13P
   Extremely low gate charge
June 2016 Rev 2
STF7N65M2 STMICROELECTRONICS-STF7N65M2 Datasheet
904Kb / 13P
   Extremely low gate charge
August 2014 Rev 2
STL13N65M2 STMICROELECTRONICS-STL13N65M2 Datasheet
642Kb / 16P
   Extremely low gate charge
December 2014 Rev 1
STL19N60M2 STMICROELECTRONICS-STL19N60M2 Datasheet
770Kb / 15P
   Extremely low gate charge
January 2016 Rev 1
STW56N65M2 STMICROELECTRONICS-STW56N65M2 Datasheet
730Kb / 12P
   Extremely low gate charge
December 2014 Rev 1
STB24N65M2 STMICROELECTRONICS-STB24N65M2 Datasheet
1Mb / 20P
   Extremely low gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com