Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STB33N60M2 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STB33N60M2
Description  N-channel 600 V, 0.108typ., 26 A MDmesh II Plus??low Qg Power MOSFETs in a D2PAK package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB33N60M2 Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STB33N60M2 Datasheet HTML 2Page - STMicroelectronics STB33N60M2 Datasheet HTML 3Page - STMicroelectronics STB33N60M2 Datasheet HTML 4Page - STMicroelectronics STB33N60M2 Datasheet HTML 5Page - STMicroelectronics STB33N60M2 Datasheet HTML 6Page - STMicroelectronics STB33N60M2 Datasheet HTML 7Page - STMicroelectronics STB33N60M2 Datasheet HTML 8Page - STMicroelectronics STB33N60M2 Datasheet HTML 9Page - STMicroelectronics STB33N60M2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
STB33N60M2
6/15
DocID025253 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
10
1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
0.1
Tj=150°C
Tc=25°C
Single pulse
100
AM17906v1
ID
50
30
10
0
0
5
VDS(V)
10
(A)
15
4V
5V
VGS=7, 8, 9, 10V
20
40
60
6V
20
AM17907v1
ID
60
40
20
0
0
4
VGS(V)
8
(A)
2
6
10
10
30
50
VDS=17V
AM17908v1
VGS
6
4
2
0
0
20
Qg(nC)
(V)
8
30
40
10
VDD=480V
ID=26A
12
300
200
100
0
400
500
VDS
10
50
VDS
(V)
AM17909v1
RDS(on)
0.108
0.106
0.104
0
10
ID(A)
(
Ω)
5
15
0.110
VGS=10V
20
25
0.112
0.114
AM17910v1


Numéro de pièce similaire - STB33N60M2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STB33N60DM2 STMICROELECTRONICS-STB33N60DM2 Datasheet
1Mb / 20P
   N-channel 600 V, 0.110 廓 typ., 24 A MDmesh??DM2 Power MOSFET in D짼PAK, TO-220 and TO-247 packages
November 2015 Rev 2
logo
Inchange Semiconductor ...
STB33N60DM2 ISC-STB33N60DM2 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
logo
STMicroelectronics
STB33N60DM6 STMICROELECTRONICS-STB33N60DM6 Datasheet
424Kb / 14P
   N-channel 600 V, 115 mΩ typ., 25 A, MDmesh DM6 Power MOSFET in a D2PAK package
DS12904 - Rev 2 - July 2020
More results

Description similaire - STB33N60M2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STB24N60M2 STMICROELECTRONICS-STB24N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in D2PAK
STB10N60M2 STMICROELECTRONICS-STB10N60M2 Datasheet
1Mb / 24P
   N-channel 600 V, 0.550 typ., 7.5 A MDmesh II Plus low Qg Power MOSFETs in D짼PAK
STW33N60M2 STMICROELECTRONICS-STW33N60M2 Datasheet
1Mb / 20P
   N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
STL10N60M2 STMICROELECTRONICS-STL10N60M2 Datasheet
1Mb / 16P
   N-channel 600 V, 0.580 廓 typ., 5.5 A MDmesh II Plus??low Qg Power MOSFET in a PowerFLAT??5x6 HV package
March 2014 Rev 2
STL18N60M2 STMICROELECTRONICS-STL18N60M2 Datasheet
946Kb / 16P
   N-channel 600 V, 0.278 廓 typ., 9 A MDmesh II Plus??low Qg Power MOSFET in a PowerFLAT??5x6 HV package
June 2014 Rev 1
STFI40N60M2 STMICROELECTRONICS-STFI40N60M2 Datasheet
1Mb / 21P
   N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
STF40N60M2 STMICROELECTRONICS-STF40N60M2 Datasheet
1Mb / 22P
   N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
STL9N60M2 STMICROELECTRONICS-STL9N60M2 Datasheet
1Mb / 16P
   N-channel 600 V, 0.76 ??typ., 4.8 A MDmesh II Plus??low Qg Power MOSFET in a PowerFLAT??5x6 HV package
March 2014 Rev 2
STL24N60M2 STMICROELECTRONICS-STL24N60M2 Datasheet
1Mb / 16P
   N-channel 600 V, 0.186 typ., 18 A MDmesh II Plus low Qg Power MOSFET in a PowerFLAT 8x8 HV package
February 2014 Rev 2
STF28N60M2 STMICROELECTRONICS-STF28N60M2 Datasheet
827Kb / 15P
   N-channel 600 V, 0.135 typ., 22 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAKFP packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15