Moteur de recherche de fiches techniques de composants électroniques |
|
SM-43TX Fiches technique(PDF) 1 Page - Copal Electronics |
|
SM-43TX Fiches technique(HTML) 1 Page - Copal Electronics |
1 / 5 page 1 2 3 4 5 6 9 8 7 SM-42/43 RoHS compliant Fine adjustment is available Automatic mounting is available (Taping) Reflow soldering is available Sealed construction (Washable: Refer to page 750.) ■ FEATURES Part name Material Flammability 1 2 3 4 5 6 7 8 9 Rotor gear Shaft Terminal pin Electrode Base element Resistive element Housing Adhesive Wiper Polyphenylenesulphide Ag-Pd cermet UL94V-0 Ceramic — RuO2 cermet UL94V-0 — INTERNAL STRUCTURE ■ PART NUMBER DESIGNATION ※Please refer to the LIST OF PART NUMBERS when placing orders. S M - 4 □ T W 1 0 0 Ω ( 1 0 1 ) Series name Electrical turn 2 :11 turns 3 :5 turns Form of packaging T :Taping (Reel) Blank :Bulk in plastic bag Resistance code Resistance value Product shape (Shape of terminal) W, X :Top adjustmet A, B :Side adjustmet Epoxy Multi metal alloy Copper alloy, Sn-Cu-plated Polyamide Brass, Nickel-plated RoHS compliant SURFACE MOUNT CERMET TRIMMERS |
Numéro de pièce similaire - SM-43TX |
|
Description similaire - SM-43TX |