Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSAU102 Fiches technique(PDF) 3 Page - Total Power International

No de pièce MSAU102
Description  SMD Package with Industry Standard Pinout
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOTAL-POWER [Total Power International]
Site Internet  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MSAU102 Fiches technique(HTML) 3 Page - Total Power International

  MSAU102 Datasheet HTML 1Page - Total Power International MSAU102 Datasheet HTML 2Page - Total Power International MSAU102 Datasheet HTML 3Page - Total Power International MSAU102 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSAU100 SERIES
DC/DC CONVERTER 1W, SMD-Package
Package Specifications
Mechanical Dimensions (5V & 12V Input)
Connecting Pin Patterns
Mechanical Dimensions (24V Input)
Pin Connections
Pin
Function
1
-Vin
2
+Vin
3
NA
4
-Vout
5
+Vout
6
NA
7
NA
8
NA
NA : Not Available for Electrical Connection
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pins ±0.05 (±0.002)
Physical Characteristics
Case Size (5V&12V Input)
:
12.7x8.0x6.8mm (0.50x0.31x0.27 Inches)
Case Size (24V Input)
:
12.7x8.3x7.8mm (0.50x0.33x0.31 Inches)
Case Material
:
Molding (flammability to UL 94V-0 rated)
Weight (5V&12V Input)
:
1.5g
Weight (24V Input)
:
1.8g
12.7 [0.5]
0.60 [0.02]
1
23
4
8
7
6
5
[0.1]
2.54
[0.3]
7.62
S SEATING PLANE
9.2 [0.36]
7.0 [0.28]
0.15 S
A
( Magnification of A )
9.0 [0.35]
7.4 [0.29]
A
12.7 [0.5]
[0.1]
2.54
[0.1]
7.62
0.60 [0.02]
( Magnification of A )
S SEATING PLANE
0.15 S
1
23
4
8
7
6
5
1.7 [0.07]
7.62 [0.30]
10.8 [0.43]
2.54 [0.10]
1.0 [0.04]
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Numéro de pièce similaire - MSAU102

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
MSAU102 TOTAL-POWER-MSAU102 Datasheet
184Kb / 6P
   MSAU100 SERIES 1 WATT ULTRA MINIATURE SMD DC/DC CONVERTERS SINGLE OUTPUT
logo
Minmax Technology Co., ...
MSAU102 MINMAX-MSAU102 Datasheet
237Kb / 8P
   1W, Miniature SMD, Single Output DC/DC Converters
MSAU102 MINMAX-MSAU102 Datasheet
265Kb / 4P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
MSAU102 MINMAX-MSAU102 Datasheet
463Kb / 4P
   DC/DC CONVERTER 1W, SMD-Package
More results

Description similaire - MSAU102

FabricantNo de pièceFiches techniqueDescription
logo
Total Power Internation...
MSAU400 TOTAL-POWER-MSAU400 Datasheet
407Kb / 4P
   SMD Package with Industry Standard Pinout
MSLU100 TOTAL-POWER-MSLU100 Datasheet
419Kb / 5P
   SMD Package with Industry Standard Pinout
MSKW2000 TOTAL-POWER-MSKW2000 Datasheet
431Kb / 5P
   SMD Package with Industry Standard Pinout
MSLU400 TOTAL-POWER-MSLU400 Datasheet
448Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU300 TOTAL-POWER-MSAU300 Datasheet
475Kb / 4P
   SMD Package with Industry Standard Pinout
MSLU300 TOTAL-POWER-MSLU300 Datasheet
459Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU200 TOTAL-POWER-MSAU200_17 Datasheet
409Kb / 4P
   SMD Package with Industry Standard Pinout
MSIW1000 TOTAL-POWER-MSIW1000 Datasheet
420Kb / 4P
   SMD Package with Industry Standard Pinout
MAU200 TOTAL-POWER-MAU200_17 Datasheet
462Kb / 4P
   SIP Package with Industry Standard Pinout
MAU100 TOTAL-POWER-MAU100_17 Datasheet
497Kb / 1P
   SIP Package with Industry Standard Pinout
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com