Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCMT1107 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce TCMT1107
Description  Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCMT1107 Fiches technique(HTML) 3 Page - Vishay Siliconix

  TCMT1107 Datasheet HTML 1Page - Vishay Siliconix TCMT1107 Datasheet HTML 2Page - Vishay Siliconix TCMT1107 Datasheet HTML 3Page - Vishay Siliconix TCMT1107 Datasheet HTML 4Page - Vishay Siliconix TCMT1107 Datasheet HTML 5Page - Vishay Siliconix TCMT1107 Datasheet HTML 6Page - Vishay Siliconix TCMT1107 Datasheet HTML 7Page - Vishay Siliconix TCMT1107 Datasheet HTML 8Page - Vishay Siliconix TCMT1107 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TCMT110. Series
www.vishay.com
Vishay Semiconductors
Rev. 3.0, 10-Mar-16
3
Document Number: 83510
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Test Circuit, Non-Saturated Operation
Fig. 2 - Test Circuit, Saturated Operation
Fig. 3 - Switching Times
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
VCE = 5 V, IF = 5 mA
TCMT1100
CTR
50
600
%
VCE = 5 V, IF = 10 mA
TCMT1101
CTR
40
80
%
TCMT1102
CTR
63
125
%
TCMT1103
CTR
100
200
%
TCMT1104
CTR
160
320
%
VCE = 5 V, IF = 5 mA
TCMT1105
CTR
50
150
%
TCMT1106
CTR
100
300
%
TCMT1107
CTR
80
160
%
TCMT1108
CTR
130
260
%
TCMT1109
CTR
200
400
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Delay time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 1)
td
4.0
μs
Rise time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 1)
tr
5.5
μs
Fall time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 1)
tf
7.0
μs
Storage time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 1)
ts
1.5
μs
Turn-on time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 1)
ton
9.5
μs
Turn-off time
VS = 5 V, IC = 2 mA, RL = 100
Ω, (see figure 1)
toff
8.5
μs
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 k
Ω, (see figure 2)
ton
3.0
μs
Turn-off time
VS = 5 V, IF = 10 mA, RL = 1 k
Ω, (see figure 2)
toff
20.0
μs
Channel I
Channel II
95 10804
R G = 50 Ω
tp
tp = 50 µs
T
= 0.01
+ 5 V
IF
0
50
Ω
100
Ω
IF
IC = 2 mA; adjusted through
input amplitude
Oscilloscope
R L = 1 MΩ
C L = 20 pF
Channel I
Channel II
95 10843
RG = 50 Ω
t p
t p = 50 µs
T
= 0.01
+ 5 V
IC
IF
0
50
Ω
1 k
Ω
IF = 10 mA
Oscilloscope
RL
CL
20 pF
1 M
Ω
t p
t
t
0
0
10 %
90 %
100 %
t r
t d
t on
t s
t f
t off
I F
IC
tp
Pulse duration
td
Delay time
tr
Rise time
ton (= td + tr)
Turn-on time
ts
Storage time
t f
Fall time
t
off (= ts + tf)
Turn-off time
96 11698


Numéro de pièce similaire - TCMT1107

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TCMT1107 VISHAY-TCMT1107 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCMT1107 VISHAY-TCMT1107 Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 2.9, 23-May-13
More results

Description similaire - TCMT1107

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TCMT111 VISHAY-TCMT111 Datasheet
158Kb / 9P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 1.7, 10-Mar-16
TCMT4106 VISHAY-TCMT4106 Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 2.9, 23-May-13
TCMT111X VISHAY-TCMT111X Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 1.6, 23-May-13
TCMT4100 VISHAY-TCMT4100 Datasheet
339Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
Rev. 1.1, 19-Jan-16
TCMT4100 VISHAY-TCMT4100_V02 Datasheet
336Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2023
TCMT4106 VISHAY-TCMT4106_V01 Datasheet
336Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2022
TCMT1600 VISHAY-TCMT1600 Datasheet
394Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat Package
Rev. 1.5, 02-Feb-05
TCMT1600 VISHAY-TCMT1600_V02 Datasheet
402Kb / 10P
   Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package
01
TCMT1600 VISHAY-TCMT1600_V01 Datasheet
402Kb / 10P
   Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2022
VOS617A VISHAY-VOS617A_V02 Datasheet
152Kb / 9P
   Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com