Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-TCS001V1 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STEVAL-TCS001V1
Description  24 bit port expander demonstation board with LCD, keypad, and PWM interfaces based on the STMPE2401
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TCS001V1 Fiches technique(HTML) 1 Page - STMicroelectronics

  STEVAL-TCS001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TCS001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TCS001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TCS001V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
December 2008
Rev 1
1/4
4
STEVAL-TCS001V1
24 bit port expander demonstation board with LCD,
keypad, and PWM interfaces based on the STMPE2401
Features
User friendly environment
– Standalone mode
–PC GUI mode
Dual power supplies
–USB
– External supply
Full support with various "power saving" modes
of port expander
Description
The objective of this STEVAL-TCS001V1
demonstration board is to display to the user the
features and capabilities of the port expander chip
STMPE2401 using a windows-based host
software application and one of several USB low-
speed microcontrollers ST72F63B from ST acting
as a control device. In this demonstration board,
the ST72F63B microcontroller acts as the I²C
master and controls two STMPE2401 devices
functioning as I²C slaves. The two STMPE2401
devices are used to interface LCD, normal
keypad, rotator controller, dedicated keys and 6
PWM outputs. All these interfaces are controlled
by just using I²C communication between master
and slave devices. All events like dedicated key
press (four direction keys), keypad key press
(4 x 4 keypad), rotator direction, power mode etc.
are captured and displayed in LCD screen and in
the scan window of PC GUI. For interfacing with
the PC GUI, the application layer is built above the
USB core library that makes all the hardware
control of the USB interface transparent for the
developers. The PC GUI supports various power
saving modes of port expander and wake up
feature to get back to default operational mode. In
addition the board has the provision for an
alternate I²C path for external control. The board
also has ICC connectors to re-program the ST7
microcontroller Flash memory.
STEVAL-TCS001V1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Numéro de pièce similaire - STEVAL-TCS001V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-TCS003V1 STMICROELECTRONICS-STEVAL-TCS003V1 Datasheet
304Kb / 5P
   24-bit port expander demonstration board with LCD, keypad, and PWM interfaces based on the STMPE2403
October 2009 Rev 1
STEVAL-TCS004V1 STMICROELECTRONICS-STEVAL-TCS004V1 Datasheet
147Kb / 4P
   16-bit port expander demonstration board with keypad and PWM controller based on the STMPE1601
More results

Description similaire - STEVAL-TCS001V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-TCS003V1 STMICROELECTRONICS-STEVAL-TCS003V1 Datasheet
304Kb / 5P
   24-bit port expander demonstration board with LCD, keypad, and PWM interfaces based on the STMPE2403
October 2009 Rev 1
STEVAL-TCS004V1 STMICROELECTRONICS-STEVAL-TCS004V1 Datasheet
147Kb / 4P
   16-bit port expander demonstration board with keypad and PWM controller based on the STMPE1601
STMPE2401 STMICROELECTRONICS-STMPE2401 Datasheet
946Kb / 55P
   24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
STMPE2403 STMICROELECTRONICS-STMPE2403 Datasheet
890Kb / 63P
   24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
STMPE1601 STMICROELECTRONICS-STMPE1601_1 Datasheet
583Kb / 61P
   16-bit enhanced port expander with keypad and PWM controller Xpander Logic
STMPE1601 STMICROELECTRONICS-STMPE1601 Datasheet
602Kb / 58P
   16-bit enhanced port expander with keypad and PWM controller Xpander Logic
STEVAL-CBL006V1 STMICROELECTRONICS-STEVAL-CBL006V1 Datasheet
145Kb / 4P
   Demonstation board: power supply for LNB based on the LNBH24 (QFN32)
February 2009 Rev 1
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
logo
STMicroelectronics
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
logo
Asahi Kasei Microsystem...
AK4184 AKM-AK4184 Datasheet
608Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com