Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-MKI155V3 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STEVAL-MKI155V3
Description  120 dBSPL acoustic overload point
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI155V3 Fiches technique(HTML) 2 Page - STMicroelectronics

  STEVAL-MKI155V3 Datasheet HTML 1Page - STMicroelectronics STEVAL-MKI155V3 Datasheet HTML 2Page - STMicroelectronics STEVAL-MKI155V3 Datasheet HTML 3Page - STMicroelectronics STEVAL-MKI155V3 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Schematic diagram
STEVAL-MKI155V3
1
Schematic diagram
Figure 1: STEVAL-MKI155V3 circuit schematic
2/4
DocID027075 Rev 1
GSPG09102014DI 1100
VDD
LR
DATA
GND
CLK
C2
10uF
C1
100nF
1
2
3
J1
1
2
3
J2
3
CLK
4
DA TA
2
L/R
1
VDD
U1
MP34DT01-M


Numéro de pièce similaire - STEVAL-MKI155V3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-MKI155V1 STMICROELECTRONICS-STEVAL-MKI155V1 Datasheet
208Kb / 4P
   Omnidirectional sensitivity
February 2015 Rev 2
STEVAL-MKI155V2 STMICROELECTRONICS-STEVAL-MKI155V2 Datasheet
227Kb / 4P
   120 dBSPL acoustic overload point
February 2015 Rev 2
More results

Description similaire - STEVAL-MKI155V3

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-MKI155V2 STMICROELECTRONICS-STEVAL-MKI155V2 Datasheet
227Kb / 4P
   120 dBSPL acoustic overload point
February 2015 Rev 2
logo
List of Unclassifed Man...
SL7-AP24-E ETC2-SL7-AP24-E Datasheet
236Kb / 3P
   Acoustic device
SL7-AP24-M ETC2-SL7-AP24-M Datasheet
426Kb / 3P
   Acoustic device,
AB6-24DC ETC2-AB6-24DC Datasheet
3Mb / 1P
   Acoustic Signals
SL7-AP24 ETC2-SL7-AP24 Datasheet
269Kb / 3P
   Acoustic device,
logo
Molex Electronics Ltd.
37047-0001 MOLEX-37047-0001 Datasheet
275Kb / 2P
   Thermal Acoustic Products
logo
Schneider Electric
LRD4367 SCHNEIDER-LRD4367 Datasheet
145Kb / 3P
   TeSys LRD thermal overload relays - 95...120 A - class 10A
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com