Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCLT1009 Fiches technique(PDF) 7 Page - Vishay Siliconix

No de pièce TCLT1009
Description  Optocoupler with Phototransistor Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1009 Fiches technique(HTML) 7 Page - Vishay Siliconix

Back Button TCLT1009 Datasheet HTML 3Page - Vishay Siliconix TCLT1009 Datasheet HTML 4Page - Vishay Siliconix TCLT1009 Datasheet HTML 5Page - Vishay Siliconix TCLT1009 Datasheet HTML 6Page - Vishay Siliconix TCLT1009 Datasheet HTML 7Page - Vishay Siliconix TCLT1009 Datasheet HTML 8Page - Vishay Siliconix TCLT1009 Datasheet HTML 9Page - Vishay Siliconix TCLT1009 Datasheet HTML 10Page - Vishay Siliconix TCLT1009 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TCLT10.. Series
Vishay Telefunken
Document Number 83515
Rev. A3, 19–Mar–01
www.vishay.com
7 (12)
Typical Characteristics (Tamb = 25 C, unless otherwise specified)
300
250
200
150
100
50
Coupled device
Phototransistor
IR-diode
10000
1000
100
10
VCE=20V
IF=0
96 11700
0
0
40
80
120
Tamb – Ambient Temperature ( °C )
95 11026
1
0
25
50
75
Tamb – Ambient Temperature ( °C )
100
Figure 4. Total Power Dissipation vs.
Ambient Temperature
Figure 7. Collector Dark Current vs. Ambient Temperature
1000.0
100
VCE=5V
100.0
10
10.0
1
1.0
0.1
0.1
96 11862
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF – Forward Voltage ( V )
0.01
95 11027
0.1
1
10
IF – Forward Current ( mA )
100
Figure 5. Forward Current vs. Forward Voltage
Figure 8. Collector Current vs. Forward Current
2.0
1.5
VCE=5V
IF=5mA
100
10
IF=50mA
20mA
10mA
1.0
5mA
0.5
1
2mA
1mA
95 11025
0
–25
0
25
50
75
Tamb – Ambient Temperature ( °C )
0.1
95 10985
0.1
1
10
VCE – Collector Emitter Voltage ( V )
100
Figure 6. Relative Current Transfer Ratio vs.
Ambient Temperature
Figure 9. Collector Current vs. Collector Emitter Voltage


Numéro de pièce similaire - TCLT1009

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TCLT1009 VISHAY-TCLT1009 Datasheet
413Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A3, 19-Mar-01
TCLT1009 VISHAY-TCLT1009 Datasheet
129Kb / 9P
   Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
Rev. 2.2, 21-Nov-07
TCLT1009 VISHAY-TCLT1009 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT1009 VISHAY-TCLT1009 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Packages
01-Jan-2022
More results

Description similaire - TCLT1009

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com