Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCLT1008 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce TCLT1008
Description  Optocoupler with Phototransistor Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1008 Fiches technique(HTML) 3 Page - Vishay Siliconix

  TCLT1008 Datasheet HTML 1Page - Vishay Siliconix TCLT1008 Datasheet HTML 2Page - Vishay Siliconix TCLT1008 Datasheet HTML 3Page - Vishay Siliconix TCLT1008 Datasheet HTML 4Page - Vishay Siliconix TCLT1008 Datasheet HTML 5Page - Vishay Siliconix TCLT1008 Datasheet HTML 6Page - Vishay Siliconix TCLT1008 Datasheet HTML 7Page - Vishay Siliconix TCLT1008 Datasheet HTML 8Page - Vishay Siliconix TCLT1008 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TCLT10.. Series
Vishay Telefunken
Document Number 83515
Rev. A3, 19–Mar–01
www.vishay.com
3 (12)
Absolute Maximum Ratings
Input (Emitter)
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
6
V
Forward current
IF
60
mA
Forward surge current
tp ≤ 10 lJs
IFSM
1.5
A
Power dissipation
Tamb ≤ 25 C
PV
100
mW
Junction temperature
Tj
125
C
Output (Detector)
Parameter
Test Conditions
Symbol
Value
Unit
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7
V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp ≤ 10 ms
ICM
100
mA
Power dissipation
Tamb ≤ 25 C
PV
150
mW
Junction temperature
Tj
125
C
Coupler
Parameter
Test Conditions
Symbol
Value
Unit
Isolation test voltage (RMS)
VIO
5
kV
Total power dissipation
Tamb ≤ 25 C
Ptot
250
mW
Operating ambient temperature
range
Tamb
–40 to +100
C
Storage temperature range
Tstg
–40 to +100
C
Soldering temperature
Tsd
235
C


Numéro de pièce similaire - TCLT1008

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TCLT1008 VISHAY-TCLT1008 Datasheet
413Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A3, 19-Mar-01
TCLT1008 VISHAY-TCLT1008 Datasheet
129Kb / 9P
   Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
Rev. 2.2, 21-Nov-07
TCLT1008 VISHAY-TCLT1008 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT1008 VISHAY-TCLT1008 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Packages
01-Jan-2022
More results

Description similaire - TCLT1008

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com