Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3801I50DCKRG4 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3801I50DCKRG4
Description  ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3801I50DCKRG4 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS3801I50DCKRG4 Datasheet HTML 1Page - Texas Instruments TPS3801I50DCKRG4 Datasheet HTML 2Page - Texas Instruments TPS3801I50DCKRG4 Datasheet HTML 3Page - Texas Instruments TPS3801I50DCKRG4 Datasheet HTML 4Page - Texas Instruments TPS3801I50DCKRG4 Datasheet HTML 5Page - Texas Instruments TPS3801I50DCKRG4 Datasheet HTML 6Page - Texas Instruments TPS3801I50DCKRG4 Datasheet HTML 7Page - Texas Instruments TPS3801I50DCKRG4 Datasheet HTML 8Page - Texas Instruments TPS3801I50DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
3
2
4
5
TPS380x . . . DCKPACKAGE
(TOPVIEW)
1
RESET
GND
MR
VDD
GND
3
2
4
5
TPS3801−01 . . . DCKPACKAGE
(TOPVIEW)
1
RESET
GND
SENSE
VDD
GND
VDD =1.8V
100nF
TPS3801E18
TMS320VC5420
GND
GND
MR
RESET
RESET
CoreVDD
VDD
TPS3800-xx
TPS3801-xx
TPS3802-xx
www.ti.com
SLVS219E – AUGUST 1999 – REVISED OCTOBER 2010
ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
Check for Samples: TPS3800-xx, TPS3801-xx, TPS3802-xx
1
FEATURES
DESCRIPTION
2
Small, 5-Pin SC-70 (SOT-323) Package
Supply Current of 9 mA
The TPS380x family of supervisory circuits monitor
supply voltages to provide circuit initialization and
Power-On Reset Generator With Fixed Delay
timing supervision, primarily for DSPs and other
Time
processor-based systems.
TPS3800 = 100 ms
These devices assert a push-pull RESET signal when
TPS3801 = 200 ms
the SENSE (adjustable version) or VDD (fixed version)
TPS3802 = 400 ms
drops below a preset threshold. The RESET output
remains asserted for the factory programmed delay
Precision Supply Voltage Monitor 1.8 V, 2.5 V,
time after the SENSE or VDD return above its
2.7 V, 3 V, 3.3 V, 5 V, and Adjustable
threshold.
Manual Reset Input (Except TPS3801-01)
The TPS380x devices, except the TPS3801-01,
Temperature Range: –40°C to +85°C
incorporate a manual reset input (MR). A low level at
MR causes RESET to become active.
APPLICATIONS
The TPS380x uses a precision reference to achieve
Applications Using DSPs, Microcontrollers, or
an overall threshold accuracy of 2%—2.5%. These
Microprocessors
devices are available in a 5-pin SC-70 package,
Wireless Communication Systems
which is only about half the size of a 5-pin SOT-23
Portable/Battery-Powered Equipment
package.
Programmable Controls
The TPS380x devices are fully specified over a
Intelligent Instruments
temperature range of –40°C to +85°C.
Industrial Equipment
Notebook/Desktop Computers
Automotive Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS3801I50DCKRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3801I50DCKRG4 TI-TPS3801I50DCKRG4 Datasheet
218Kb / 11P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3801I50DCKRG4 TI1-TPS3801I50DCKRG4 Datasheet
798Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
More results

Description similaire - TPS3801I50DCKRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3801-01 TI-TPS3801-01 Datasheet
218Kb / 11P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3801J25 TI-TPS3801J25 Datasheet
126Kb / 9P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3800-XX TI1-TPS3800-XX Datasheet
798Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com