Moteur de recherche de fiches techniques de composants électroniques |
|
TPS3802-xx Fiches technique(PDF) 1 Page - Texas Instruments |
|
TPS3802-xx Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 16 page 3 2 4 5 TPS380x . . . DCKPACKAGE (TOPVIEW) 1 RESET GND MR VDD GND 3 2 4 5 TPS3801−01 . . . DCKPACKAGE (TOPVIEW) 1 RESET GND SENSE VDD GND VDD =1.8V 100nF TPS3801E18 TMS320VC5420 GND GND MR RESET RESET CoreVDD VDD TPS3800-xx TPS3801-xx TPS3802-xx www.ti.com SLVS219E – AUGUST 1999 – REVISED OCTOBER 2010 ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS Check for Samples: TPS3800-xx, TPS3801-xx, TPS3802-xx 1 FEATURES DESCRIPTION 2 • Small, 5-Pin SC-70 (SOT-323) Package • Supply Current of 9 mA The TPS380x family of supervisory circuits monitor supply voltages to provide circuit initialization and • Power-On Reset Generator With Fixed Delay timing supervision, primarily for DSPs and other Time processor-based systems. – TPS3800 = 100 ms These devices assert a push-pull RESET signal when – TPS3801 = 200 ms the SENSE (adjustable version) or VDD (fixed version) – TPS3802 = 400 ms drops below a preset threshold. The RESET output remains asserted for the factory programmed delay • Precision Supply Voltage Monitor 1.8 V, 2.5 V, time after the SENSE or VDD return above its 2.7 V, 3 V, 3.3 V, 5 V, and Adjustable threshold. • Manual Reset Input (Except TPS3801-01) The TPS380x devices, except the TPS3801-01, • Temperature Range: –40°C to +85°C incorporate a manual reset input (MR). A low level at MR causes RESET to become active. APPLICATIONS The TPS380x uses a precision reference to achieve • Applications Using DSPs, Microcontrollers, or an overall threshold accuracy of 2%—2.5%. These Microprocessors devices are available in a 5-pin SC-70 package, • Wireless Communication Systems which is only about half the size of a 5-pin SOT-23 • Portable/Battery-Powered Equipment package. • Programmable Controls The TPS380x devices are fully specified over a • Intelligent Instruments temperature range of –40°C to +85°C. • Industrial Equipment • Notebook/Desktop Computers • Automotive Systems 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 1999–2010, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - TPS3802-xx |
|
Description similaire - TPS3802-xx |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |