Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM438x Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce AM438x
Description  Sitara Processors Technical Brief
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM438x Fiches technique(HTML) 11 Page - Texas Instruments

Back Button AM438x Datasheet HTML 7Page - Texas Instruments AM438x Datasheet HTML 8Page - Texas Instruments AM438x Datasheet HTML 9Page - Texas Instruments AM438x Datasheet HTML 10Page - Texas Instruments AM438x Datasheet HTML 11Page - Texas Instruments AM438x Datasheet HTML 12Page - Texas Instruments AM438x Datasheet HTML 13Page - Texas Instruments AM438x Datasheet HTML 14Page - Texas Instruments AM438x Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
AM4382, AM4384, AM4388
www.ti.com
SPRT726A – MARCH 2017 – REVISED APRIL 2017
Submit Documentation Feedback
Product Folder Links: AM4382 AM4384 AM4388
Device and Documentation Support
Copyright © 2017, Texas Instruments Incorporated
4
Device and Documentation Support
4.1
Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
processors and support tools. Each device has one of three prefixes: X, P, or null (no prefix) (for example,
XAM4384xZDN). Texas Instruments recommends two of three possible prefix designators for its support
tools: TMDX and TMDS. These prefixes represent evolutionary stages of product development from
engineering prototypes (TMDX) through fully qualified production devices and tools (TMDS).
Device development evolutionary flow:
X
Experimental device that is not necessarily representative of the final device's electrical
specifications and may not use production assembly flow.
P
Prototype device that is not necessarily the final silicon die and may not necessarily meet
final electrical specifications.
null
Production version of the silicon die that is fully qualified.
Support tool development evolutionary flow:
TMDX
Development-support product that has not yet completed Texas Instruments internal
qualification testing.
TMDS
Fully-qualified development-support product.
X and P devices and TMDX development-support tools are shipped against the following disclaimer:
"Developmental product is intended for internal evaluation purposes."
Production devices and TMDS development-support tools have been characterized fully, and the quality
and reliability of the device have been demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (X or P) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system
because their expected end-use failure rate still is undefined. Only qualified production devices are to be
used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, ZDN), the temperature range (for example, blank is the default commercial
temperature range), and the device speed range, in megahertz (for example, MHz). Figure 4-1 provides a
legend for reading the complete device name for any device.
For additional description of the device nomenclature markings on the die, see the AM438x Sitara
Processors Silicon Errata.


Numéro de pièce similaire - AM438x

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM4380N ANALOGPOWER-AM4380N Datasheet
330Kb / 5P
   N-Channel 200-V (D-S) MOSFET
More results

Description similaire - AM438x

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DRA726 TI1-DRA726 Datasheet
65Kb / 3P
[Old version datasheet]   Automotive Applications Processors Technical Brief
DRA718 TI1-DRA718 Datasheet
62Kb / 3P
[Old version datasheet]   Automotive Applications Processors Technical Brief
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com