Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC0816CCN Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce ADC0816CCN
Description  8-Bit Compatible A/D Converters with16-Channel Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0816CCN Fiches technique(HTML) 6 Page - Texas Instruments

Back Button ADC0816CCN Datasheet HTML 2Page - Texas Instruments ADC0816CCN Datasheet HTML 3Page - Texas Instruments ADC0816CCN Datasheet HTML 4Page - Texas Instruments ADC0816CCN Datasheet HTML 5Page - Texas Instruments ADC0816CCN Datasheet HTML 6Page - Texas Instruments ADC0816CCN Datasheet HTML 7Page - Texas Instruments ADC0816CCN Datasheet HTML 8Page - Texas Instruments ADC0816CCN Datasheet HTML 9Page - Texas Instruments ADC0816CCN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ADC0816, ADC0817
SNAS527C – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
Timing Specifications:VCC = VREF(+) = 5V, VREF(−) = GND, tr = tf = 20 ns and TA = 25°C unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tWS
Minimum Start Pulse Width
(Figure 5) (1)
100
200
ns
tWALE
Minimum ALE Pulse Width
(Figure 5)
100
200
ns
ts
Minimum Address Set-Up Time
(Figure 5)
25
50
ns
TH
Minimum Address Hold Time
(Figure 5)
25
50
ns
Analog MUX Delay Time
tD
RS= OΩ (Figure 5)
1
2.5
μs
from ALE
tH1, tH0
OE Control to Q Logic State
CL= 50 pF, RL= 10k (Figure 8)
125
250
ns
t1H, t0H
OE Control to Hi-Z
CL= 10 pF, RL= 10k (Figure 8)
125
250
ns
tC
Conversion Time
fc=640 kHz, (Figure 5)
(2)
90
100
116
μs
fc
Clock Frequency
10
640
1280
kHz
Clock
tEOC
EOC Delay Time
(Figure 5)
0
8 + 2
μs
Periods
CIN
Input Capacitance
At Control Inputs
10
15
pF
TRI-STATE Output
COUT
At TRI-STATE Outputs (2)
10
15
pF
Capacitance
(1)
If start pulse is asynchronous with converter clock or if fc > 640 kHz, the minimum start pulse width is 8clock periods plus 2 μs. For
synchronous operation at fc ≤640 kHz take start high within 100 ns of clock going low.
(2)
The outputs of the data register are updated one clock cycle before the rising edge of EOC.
Functional Description
Multiplexer: The device contains a 16-channel single-ended analog signal multiplexer. A particular input channel
is selected by using the address decoder. Table 1 shows the input states for the address line and the expansion
control line to select any channel. The address is latched into the decoder on the low-to-high transition of the
address latch enable signal.
Table 1. Inputs States for the Address line
Selected
Address Line(1)
Expansion
AnalogChannel
D
C
B
A
Control
IN0
L
L
L
L
H
IN1
L
L
L
H
H
IN2
L
L
H
L
H
IN3
L
L
H
H
H
IN4
L
H
L
L
H
IN5
L
H
L
H
H
IN6
L
H
H
L
H
IN7
L
H
H
H
H
IN8
H
L
L
L
H
IN9
H
L
L
H
H
IN10
H
L
H
L
H
IN11
H
L
H
H
H
IN12
H
H
L
L
H
IN13
H
H
L
H
H
IN14
H
H
H
L
H
IN15
H
H
H
H
H
All Channels OFF
X
X
X
X
L
(1)
X = don't care
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC0816 ADC0817


Numéro de pièce similaire - ADC0816CCN

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC0816CCN NSC-ADC0816CCN Datasheet
245Kb / 13P
   8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
ADC0816CCN NSC-ADC0816CCN Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
logo
Texas Instruments
ADC0816CCN TI-ADC0816CCN Datasheet
510Kb / 18P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0816CCN TI1-ADC0816CCN Datasheet
541Kb / 19P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0816CCN/NOPB TI1-ADC0816CCN/NOPB Datasheet
541Kb / 19P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
More results

Description similaire - ADC0816CCN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
INS8292N TI-INS8292N Datasheet
510Kb / 18P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0816 TI1-ADC0816_14 Datasheet
541Kb / 19P
[Old version datasheet]   ADC0816/ADC0817 8-Bit 關P Compatible A/D Converters with16-Channel Multiplexer
ADC0808-N TI1-ADC0808-N_17 Datasheet
533Kb / 19P
[Old version datasheet]   8-Bit Compatible A/D Converters with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0808 NSC-ADC0808 Datasheet
264Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_07 Datasheet
394Kb / 16P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0808 NSC-ADC0808_95 Datasheet
348Kb / 14P
   8-Bit uP Compatible A/D Converters with 8-Channel Multiplexer
ADC0816 NSC-ADC0816 Datasheet
245Kb / 13P
   8-Bit uP Compatible A/D Converters with 16-Channel Multiplexer
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com