Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EP451 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC100EP451
Description  3.3V / 5VECL 6-Bit Differential Register with Master Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP451 Fiches technique(HTML) 1 Page - ON Semiconductor

  MC100EP451 Datasheet HTML 1Page - ON Semiconductor MC100EP451 Datasheet HTML 2Page - ON Semiconductor MC100EP451 Datasheet HTML 3Page - ON Semiconductor MC100EP451 Datasheet HTML 4Page - ON Semiconductor MC100EP451 Datasheet HTML 5Page - ON Semiconductor MC100EP451 Datasheet HTML 6Page - ON Semiconductor MC100EP451 Datasheet HTML 7Page - ON Semiconductor MC100EP451 Datasheet HTML 8Page - ON Semiconductor MC100EP451 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2004
June, 2004 − Rev. 6
1
Publication Order Number:
MC10EP451/D
MC10EP451, MC100EP451
3.3V / 5VECL 6−Bit
Differential Register with
Master Reset
The MC10/100EP451 is a 6−bit fully differential register with
common clock and single−ended Master Reset (MR). It is ideal for
very high frequency applications where a registered data path is
necessary.
All inputs have a 75 k
W pulldown resistor internally. Differential
inputs have an override clamp. Unused differential register inputs can
be left open and will default LOW. When the differential inputs are
forced to < VEE + 1.2 V, the clamp will override and force the output to
a default state. When in the default state, and since the flip−flop is edge
triggered, the output reaches a determined, but not predicted, valid
state.
The positive transition of CLK (pin 4) will latch the registers.
Master Reset (MR) HIGH will asynchronously reset all registers
forcing Q outputs to go LOW.
The 100 Series contains temperature compensation.
450 ps Typical Propagation Delay
Maximum Frequency > 3.0 GHz Typical
Asynchronous Master Reset
20 ps Skew Within Device, 35 ps Skew Device−To−Device
PECL Mode Operating Range: V
CC = 3.0 V to 5.5 V
With VEE = 0 V
NECL Mode Operating Range: V
CC = 0 V
With VEE = −3.0 V to −5.5 V
Open Input Default State
Safety Clamp on Inputs
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
LQFP−32
FA SUFFIX
CASE 873A
MARKING
DIAGRAM*
MCxxx
AWLYYWW
xxx = 10 or 100
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
EP451
1
32
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
*For additional marking information, refer to
Application Note AND8002/D.


Numéro de pièce similaire - MC100EP451

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP451 ONSEMI-MC100EP451 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC100EP451FA ONSEMI-MC100EP451FA Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC100EP451FAG ONSEMI-MC100EP451FAG Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC100EP451FAG ONSEMI-MC100EP451FAG Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC100EP451FAR2 ONSEMI-MC100EP451FAR2 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
More results

Description similaire - MC100EP451

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
SY10EP451L MICREL-SY10EP451L Datasheet
398Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
SY10EP451L_0705 MICREL-SY10EP451L_0705 Datasheet
443Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
logo
ON Semiconductor
MC10EP451 ONSEMI-MC10EP451_06 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10EP56 ONSEMI-MC10EP56 Datasheet
91Kb / 10P
   3.3V / 5VECL Dual Differential 2:1 Multiplexer
January, 2004 ??Rev. 12
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
SY10E451 MICREL-SY10E451_06 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
logo
List of Unclassifed Man...
QS74FCT2X2273T ETC1-QS74FCT2X2273T Datasheet
322Kb / 7P
   16-BIT REGISTER WITH ASYNCHRONOUS RESET
logo
ON Semiconductor
MC10E451 ONSEMI-MC10E451 Datasheet
112Kb / 4P
   6-BIT D REGISTER DIFFERENTIAL DATA AND CLOCK
1996 REV 2
MC100EP33 ONSEMI-MC100EP33 Datasheet
79Kb / 12P
   3.3V 5VECL / 4 Divider
September, 2002 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com