Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LEM-54221T Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce LEM-54221T
Description  SURFACE MOUNT CHIP LED LAMPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

LEM-54221T Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  LEM-54221T Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Letex Technology Corp.
SURFACE MOUNT CHIP LED LAMPS
Model No. LEM-54221T
FEATURES:
APPLICATION:
※Ultra compact (2.0×1.25×0.8)
※ Indicators on printed circuit boards
※ LCD Back-lights
※Auto insertable.
Using 8 mm wide tape
※ Illuminations
※Ultra low profile
※ Automotive-Telecommunication
Emitted Color
Material
Wavelength (nm)
Lens Color
Ultra Yellow Green
AlGaInp
574
Water Clear
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Power dissipation
Pm
78
mW
Forward direct current
IFm
30
mA
Peak forward current
IFp
100
mA
Reverse voltage
VRm
5
V
Operating temperature
Topr
-25 to +80
Storage temperature
Tstg
-30 to +85
ELECTRO-OPTICAL CHARACTERISTICS (Ta = 25℃)
CHARACTERISTIC
SYMBOL
CONDITION
Min.
Typ.
Max.
UNIT
Luminous intensity
Iv
IF=20mA
20
45
mcd
Forward voltage
VF
IF=20mA
2.2
2.7
V
Reverse current
IR
VR=5V
10
µA
Peak emission wavelength
λP
IF=20mA
575
nm
Dominant wavelength
λD
IF=20mA
574
nm
Viewing angle
2θ1/2
IF=20mA
130
deg.
PACKAGE DIMENSIONS OF DEVICE
Recommended Soldering Pattern
for Reflow Soldering
Note: 1. All dimensions are in millimeters.
2. Tolerance is ±0.25mm unless otherwise specified.


Numéro de pièce similaire - LEM-54221T

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LEM-51321 ETC-LEM-51321 Datasheet
114Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
LEM-51321T ETC-LEM-51321T Datasheet
114Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
More results

Description similaire - LEM-54221T

FabricantNo de pièceFiches techniqueDescription
logo
Yellow Stone Corp
BL-HE134C YSTONE-BL-HE134C Datasheet
515Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
BL-HE136A YSTONE-BL-HE136A Datasheet
260Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
BL-HS133A YSTONE-BL-HS133A Datasheet
445Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
BL-HS136D YSTONE-BL-HS136D Datasheet
393Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
logo
A-BRIGHT Inc
67-21SUGC A-BRIGHT-67-21SUGC Datasheet
282Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS
2009/2/20
logo
List of Unclassifed Man...
LEM-95121 ETC-LEM-95121 Datasheet
62Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
LEM-65121T ETC1-LEM-65121T Datasheet
70Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
logo
A-BRIGHT Inc
42-21SURC-S530-A4 A-BRIGHT-42-21SURC-S530-A4_15 Datasheet
321Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS
2006/10/11
67-21SUBC A-BRIGHT-67-21SUBC Datasheet
282Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS
2009/2/20
logo
List of Unclassifed Man...
LEM-44221T ETC1-LEM-44221T Datasheet
115Kb / 1P
   SURFACE MOUNT CHIP LED LAMPS
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com