Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIA7908F Fiches technique(PDF) 14 Page - KEC(Korea Electronics)

No de pièce KIA7908F
Description  1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS -5V, -6V, -8V, -9V, -10V, -12V, -15V, -18V, -20V, -24V
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7908F Fiches technique(HTML) 14 Page - KEC(Korea Electronics)

Back Button KIA7908F Datasheet HTML 6Page - KEC(Korea Electronics) KIA7908F Datasheet HTML 7Page - KEC(Korea Electronics) KIA7908F Datasheet HTML 8Page - KEC(Korea Electronics) KIA7908F Datasheet HTML 9Page - KEC(Korea Electronics) KIA7908F Datasheet HTML 10Page - KEC(Korea Electronics) KIA7908F Datasheet HTML 11Page - KEC(Korea Electronics) KIA7908F Datasheet HTML 12Page - KEC(Korea Electronics) KIA7908F Datasheet HTML 13Page - KEC(Korea Electronics) KIA7908F Datasheet HTML 14Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
2002. 9. 24
14/14
KIA7905F~KIA7924F
Revision No : 2
150
1
B
0
0
2
50
100
3
I
- T
RR - I
50
80
0
OUT
40
500
1000
-40
-30
-20
-10
0
0.5
SC
I
- V
1.0
0
IN
JUNCTION TEMPERATURE T
( C)
j
j
j
j
JUNCTION TEMPERATURE T
( C)
V
- T
9
100
50
6
0
0
OUT
3
150
OUTPUT CURRENT I
(mA)
OUT
60
V
=-10V (05F)
IN
=-18V (12F)
=-33V (24F)
f=120Hz
INPUT VOLTAGE V
(V)
KIA7924F
4
5
KIA7905F
KIA7912F
12
15
KIA7905F
KIA7912F
70
1.5
2.0
KIA7912F
KIA7905F
T =25 C
j
0
D
V
- T
JUNCTION TEMPERATURE T
( C)
1
2
0
50
100
150
j
j
I
=1A
200mA
OUT
V =5% OF OUTPUT
VOLTAGE
O
0
AMBIENT TEMPERATURE Ta ( C)
0
P
- Ta
D
THERMAL RESISTANCE
J-C
10.4
J-A
96.1
WITHOUT HEAT SINK
C/W
0mA
IN
3
6
9
12
15
40
80
120
160
200
Tc=25 C


Numéro de pièce similaire - KIA7908F

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA7908F KEC-KIA7908F Datasheet
568Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7908F/PI KEC-KIA7908F/PI Datasheet
562Kb / 16P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7908F/PI KEC-KIA7908F/PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
More results

Description similaire - KIA7908F

FabricantNo de pièceFiches techniqueDescription
logo
First Silicon Co., Ltd
FR7805P FS-FR7805P Datasheet
320Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS5V, 6V, 8V, 9V, 10V, 12V, 15V, 18V, 24V.
logo
Mitsubishi Electric Sem...
M5278LXX MITSUBISHI-M5278LXX Datasheet
282Kb / 8P
   (5V,5.6V,8V,9V,10V,12V,15V) 3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR (WITH FOLD-BACK PROTECTION CIRCUIT)
logo
Renesas Technology Corp
M5278LXX RENESAS-M5278LXX Datasheet
3Mb / 9P
   (5V,5.6V,8V,9V,10V,12V,15V)3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR(WITH FOLD-BACK PROTECTION CIRCUIT)
logo
Toshiba Semiconductor
TA79005S TOSHIBA-TA79005S Datasheet
516Kb / 16P
   1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
KIA Semiconductor Techn...
78L08 KIA-78L08 Datasheet
53Kb / 3P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS 8V
logo
Bel Fuse Inc.
X7AH-01K BEL-X7AH-01K Datasheet
97Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 9.0V-18V Input 5V/1A & 9V/1A & 12V/1A Output
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA79005SB TOSHIBA-TA79005SB_07 Datasheet
601Kb / 13P
   Output Current of 1A, Three-Terminal Negative Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com