Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KIA7908F Datasheet(Fiches technique) 6 Page - KEC(Korea Electronics)

Numéro de pièce KIA7908F
Description  1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS -5V, -6V, -8V, -9V, -10V, -12V, -15V, -18V, -20V, -24V
Télécharger  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7908F Datasheet(HTML) 6 Page - KEC(Korea Electronics)

Back Button KIA7908F Datenblatt HTML 2Page - KEC(Korea Electronics) KIA7908F Datenblatt HTML 3Page - KEC(Korea Electronics) KIA7908F Datenblatt HTML 4Page - KEC(Korea Electronics) KIA7908F Datenblatt HTML 5Page - KEC(Korea Electronics) KIA7908F Datasheet HTML 6Page - KEC(Korea Electronics) KIA7908F Datenblatt HTML 7Page - KEC(Korea Electronics) KIA7908F Datenblatt HTML 8Page - KEC(Korea Electronics) KIA7908F Datenblatt HTML 9Page - KEC(Korea Electronics) KIA7908F Datenblatt HTML 10Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2000. 12. 9
6/14
KIA7905F~KIA7924F
Revision No : 1
ELECTRICAL CHARACTERISTICS
KIA7909F
(Unless otherwise specified, VIN=-15V, IOUT=500mA, 0
Tj 125 , CIN=2.2 F, COUT=1 F)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25
-9.3
-9.0
-8.7
V
Input Regulation
Reg line
1
Tj=25
-19V VIN -13V
-
5
90
mV
-26V VIN -11.5V
-
10
100
Load Regulation
Reg load
1
Tj=25
5mA IOUT 1.5A
-
10
150
mV
250mA IOUT 750mA
-
5
120
Output Voltage
VOUT
1
-24V VIN -11.5V
5mA IOUT 1.0A
-9.4
-9.0
-8.6
V
Quiescent Current
IB
1
Tj=25
-
3
6
mA
Quiescent
Current Change
Line
IBI
1
-26.5V VIN -13V
-
0.1
1.0
mA
Load
IBO
5mA IOUT 1.0A
-
0.05
0.5
Output Noise Voltage
VNO
2
Ta=25 , 10Hz f 100kHz
-
180
-
Vrms
Ripple Rejection Ratio
RR
3
f=120Hz, IOUT=20mA,
54
60
-
dB
Short Circuit Current Limit
ISC
1
Tj=25
-
1.9
-
A
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA
-
-0.7
-
mV/
Dropout Voltage
VD
1
Tj=25 , IOUT=1A
-
2.0
-
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn