Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-ISA142V1 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STEVAL-ISA142V1
Description  50 W, wide-range, high power factor flyback converter using the L6564
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA142V1 Fiches technique(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA142V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA142V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA142V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA142V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
November 2013
DocID025413 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA142V1
50 W, wide-range, high power factor flyback converter using the
L6564
Data brief
Features
Line voltage range: 90 to 265 VAC
Minimum line frequency (fl): 47-63 Hz
Minimum switching frequency: 44 KHz
Reflected voltage: 140 V
Regulated output voltage: 24 V
Rated output power: 50 W
Power factor (load ≥ 50%): 0.9 minimum
Minimum efficiency at full load: 88%
Maximum 2 fl output voltage ripple: 1.1 V pk-
pk (VIN=230 VAC, Pout=50 W)
Maximum ambient temperature: 50 °C
Conducted EMI: in accordance with
EN55022 class-B
PCB type and size: single-sided, 35 um,
CEM-1, 140 x 60 mm
RoHS compliant
Description
The STEVAL-ISA142V1 product evaluation board
implements a 50 W, wide-range mains input,
power factor-corrected power supply suitable for
all low power applications requiring a high power
factor, such as lighting applications and LED
power supplies. Use of the low-cost L6564
combined with simple flyback topology provide a
very competitive solution.


Numéro de pièce similaire - STEVAL-ISA142V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-ISA140V1 STMICROELECTRONICS-STEVAL-ISA140V1 Datasheet
190Kb / 4P
   15W, 12V output, isolated flyback converter using VIPer??Plus - VIPER37HE
November 2014 Rev 2
STEVAL-ISA143V1 STMICROELECTRONICS-STEVAL-ISA143V1 Datasheet
220Kb / 5P
   12 V - 150 W resonant converter with synchronous rectification using the L6563H, L6699 and SRK2000
May 2014 Rev 2
STEVAL-ISA144V1 STMICROELECTRONICS-STEVAL-ISA144V1 Datasheet
194Kb / 4P
   1.5 A step-down switching regulator evaluation board based on the L5983
January 2014 Rev 1
STEVAL-ISA145V1 STMICROELECTRONICS-STEVAL-ISA145V1 Datasheet
488Kb / 7P
   250 W ATX SMPS evaluation board
January 2014 Rev 1
STEVAL-ISA146V1 STMICROELECTRONICS-STEVAL-ISA146V1 Datasheet
124Kb / 4P
   4 A step-down switching evaluation board based on the ST1S50
April 2014 Rev 1
More results

Description similaire - STEVAL-ISA142V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
AN4214 STMICROELECTRONICS-AN4214 Datasheet
3Mb / 37P
   High power factor flyback converter using the L6564
EVL6564-50WFLB STMICROELECTRONICS-EVL6564-50WFLB Datasheet
201Kb / 6P
   50 W wide-range high power factor flyback converter demonstration board based on the L6564
AN2838 STMICROELECTRONICS-AN2838 Datasheet
1Mb / 23P
   35 W wide-range high power factor flyback converter evaluation
AN4314 STMICROELECTRONICS-AN4314 Datasheet
2Mb / 31P
   25 W wide-range high power factor buck-boost converter demonstration board using the L6564H
logo
Power Integrations, Inc...
DER-105 POWERINT-DER-105 Datasheet
605Kb / 24P
   19.3 W Wide Range Flyback Power Supply using TOP243Y
logo
STMicroelectronics
AN4346 STMICROELECTRONICS-AN4346 Datasheet
1Mb / 33P
   10 W wide range - high power factor - isolated LED driver using HVLED815PF
AN4376 STMICROELECTRONICS-AN4376 Datasheet
3Mb / 37P
   10 W wide range non-isolated high power factor LED driver using HVLED815PF
logo
Power Integrations, Inc...
DER-58 POWERINT-DER-58 Datasheet
883Kb / 22P
   3W Wide Range Flyback Power Supply using LNK304P
logo
STMicroelectronics
STEVAL-ISA182V1 STMICROELECTRONICS-STEVAL-ISA182V1 Datasheet
212Kb / 4P
   8.4 W / 30 W peak power offline flyback converter using VIPER38HD
October 2016 Rev 1
STEVAL-ISA110V1 STMICROELECTRONICS-STEVAL-ISA110V1 Datasheet
1Mb / 10P
   12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
February 2013 Rev 1
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com