Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

744045821 Fiches technique(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 744045821
Description  WE-LQ SMD Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744045821 Fiches technique(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744045821_17 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744045821_17 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744045821_17 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744045821_17 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744045821_17 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744045821_17 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4,5 ±0,3
3,6 ±0,3
3,2 ±0,3
1,6 ref.
1,3 ref.
1,6 ref.
sectional drawing A-A
Scale - 5:1
A
A
Marking
821 (Inductance Code)
Product Marking:
Recommended Land Pattern: [mm]
5,4 ref.
1,4 ref.
2 ref.
Scale - 5:1
Schematic:
Properties
Test conditions
Value
Unit
Tol.
Inductance
1 MHz/ 100 mV
L
820
µH
±10
Rated Current
ΔT = 40 K
IR
0.085
A
max.
Saturation Current
|ΔL/L| < 10 %
ISAT
0.15
A
typ.
DC Resistance
@ 20 °C
RDC
20
Ω
max.
Self Resonant Frequency
fres
2
MHz
typ.
Q-factor
1 MHz/ 100 mV
Q
50
ref.
Electrical Properties:
It is recommended that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature (refering to
IR)
-40 °C up to +85 °C
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in original
packaging)
-20 °C up to +40 °C
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
JRS
DIN ISO 2768-1m
DESCRIPTION
WE-LQ SMD Inductor
ORDER CODE
744045821
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
1812
004.000
Valid
2016-12-20
eiSos
1/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 744045821_17

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
744045821 WURTH-744045821 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
More results

Description similaire - 744045821_17

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
7440450039 WURTH-7440450039_17 Datasheet
382Kb / 6P
   WE-LQ SMD Inductor
744032003 WURTH-744032003_15 Datasheet
1Mb / 6P
   WE-LQ SMD Inductor
744032680 WURTH-744032680_15 Datasheet
1Mb / 6P
   WE-LQ SMD Inductor
744032100 WURTH-744032100_15 Datasheet
1Mb / 6P
   WE-LQ SMD Inductor
744045008 WURTH-744045008_17 Datasheet
382Kb / 6P
   WE-LQ SMD Inductor
744045120 WURTH-744045120_17 Datasheet
381Kb / 6P
   WE-LQ SMD Inductor
7440320056 WURTH-7440320056_15 Datasheet
1Mb / 6P
   WE-LQ SMD Inductor
744032001 WURTH-744032001_15 Datasheet
1Mb / 6P
   WE-LQ SMD Inductor
744045470 WURTH-744045470 Datasheet
481Kb / 6P
   WE-LQ SMT Power Inductor
002.004
744045820 WURTH-744045820 Datasheet
481Kb / 6P
   WE-LQ SMT Power Inductor
002.004
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com