Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-ILL074V2 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STEVAL-ILL074V2
Description  Short circuit protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL074V2 Fiches technique(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL074V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL074V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL074V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL074V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILL074V2 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
February 2017
DocID028859 Rev 5
1/5
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ILL074V2
60 W wide input range flyback converter using HVLED001A
controller in FOT mode
Data brief
Features
Input voltage: Vin = 90 - 277 Vrms, f = 45-66
Hz
Output voltage: 52 V / 1.2 A
High power factor, low THD
Full load efficiency: above 90%
Short circuit protection
Safety: compliant with EN60065
PCB board: 165 mm x 50 mm double-sided
PCB
RoHS compliant
Description
The STEVAL-ILL074V2 provides a stable,
insulated 52 V voltage bus suitable for secondary
side circuitry (e.g. LED current generators), for a
total output power of 60 W given a wide range of
input voltage range. An auxiliary 15 V output is
also present to supply small circuitries absorbing
a maximum current of 50 mA.
A very high power factor is obtained thanks to the
features of the HVLED001A device. Input voltage
variations, excessive input voltage (overvoltages
like surges or bursts) and very low input voltages
are managed by the HVLED001A protections,
improving the reliability of the application.
Output short circuit and overload protections are
available with auto-restart for safe operation in
lighting environments.


Numéro de pièce similaire - STEVAL-ILL074V2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-ILL074V1 STMICROELECTRONICS-STEVAL-ILL074V1 Datasheet
291Kb / 5P
   Short circuit protection
March 2016 Rev 3
More results

Description similaire - STEVAL-ILL074V2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
   Short circuit protection
logo
Inchange Semiconductor ...
LM7824 ISC-LM7824 Datasheet
236Kb / 2P
   Short circuit protection
logo
STMicroelectronics
L78S STMICROELECTRONICS-L78S Datasheet
983Kb / 35P
   Short circuit protection
March 2014 Rev 8
logo
Astec America, Inc
ASA ASTEC-ASA Datasheet
115Kb / 2P
   Short circuit protection
logo
STMicroelectronics
STEVAL-ISA089V1 STMICROELECTRONICS-STEVAL-ISA089V1 Datasheet
78Kb / 4P
   Short-circuit protection
April 2011 Rev 1
STEVAL-ILL074V1 STMICROELECTRONICS-STEVAL-ILL074V1 Datasheet
291Kb / 5P
   Short circuit protection
March 2016 Rev 3
L149H STMICROELECTRONICS-L149H Datasheet
119Kb / 6P
   SHORT CIRCUIT PROTECTION
logo
PEAK electronics GmbH
P6LG-053R3EK PEAK-P6LG-053R3EK Datasheet
149Kb / 3P
   Short Circuit Protection
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
   Continuous Short Circuit Protection
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com