Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPAT1203A Fiches technique(PDF) 2 Page - Toppower Electronic Technology Limited

No de pièce TPAT1203A
Description  1W 3KVDC Isolated Single Output SMD DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPAT1203A Fiches technique(HTML) 2 Page - Toppower Electronic Technology Limited

  TPAT1203A Datasheet HTML 1Page - Toppower Electronic Technology Limited TPAT1203A Datasheet HTML 2Page - Toppower Electronic Technology Limited TPAT1203A Datasheet HTML 3Page - Toppower Electronic Technology Limited TPAT1203A Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPAT-A Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 2 of 4
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300℃
Internal power dissipation
680mW
Input voltage Vin, TPAT03
5.5V
Input voltage Vin, TPAT05
7V
Input voltage Vin, TPAT12
15V
Input voltage Vin, TPAT15
18V
Input voltage Vin, TPAT24
28V
All specifications typical at TA=25℃, nominal input voltage and rated output current unless otherwise specified.
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40℃ to 85℃
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%/%
Load Regulation(10% load to rated load)
0303 & 0503
9
%
Load Regulation(10% load to rated load)
5V output
9
%
Load Regulation(10% load to rated load)
0309
9.0
%
Load Regulation(10% load to rated load)
0509,1209 & 2409
7
%
Load Regulation(10% load to rated load)
0312 & 0315
12
%
Load Regulation(10% load to rated load)
0512,1212 & 2412
7
%
Load Regulation(10% load to rated load)
0515,1215,1515 & 2415
7
%
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
Derating if the temperature ≥85°C
-40
105
Storage
-55
125
Cooling
Free air convection
TEMPERATURE DERATING GRAPHS
TOLERANCE ENVELOPES
Tolerance Envelope 3.3V output types
All other types
Output Load Current(%)
+9%
+1%
V
NOM
-7%
-7%
+1%
-15%
100
75
50
25
10
Typical Load Lin
e
O utput Load Current(% )
+ 10%
+5%
V
NO M
-2.5%
+2.5%
-7.5%
100
75
50
25
10
Typical Load L
ine
1.5
1.0
0.5
0
-40
0
50 100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105
TOPPOWER


Numéro de pièce similaire - TPAT1203A

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPAT1203A TOPPOWER-TPAT1203A Datasheet
769Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT1203A-2W TOPPOWER-TPAT1203A-2W Datasheet
1Mb / 4P
   2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT1203A-2W TOPPOWER-TPAT1203A-2W Datasheet
772Kb / 4P
   2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT1203A-W5 TOPPOWER-TPAT1203A-W5 Datasheet
772Kb / 4P
   0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT1203A-W5 TOPPOWER-TPAT1203A-W5 Datasheet
833Kb / 4P
   0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results

Description similaire - TPAT1203A

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPET TOPPOWER-TPET_V02 Datasheet
249Kb / 4P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET Datasheet
190Kb / 3P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET_V01 Datasheet
786Kb / 4P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET_19 Datasheet
722Kb / 3P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
logo
Murata Manufacturing Co...
KDC_MEV MURATA-KDC_MEV Datasheet
140Kb / 4P
   3kVDC Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPR-1W TOPPOWER-TPR-1W Datasheet
778Kb / 4P
   1W 3KVDC Isolated Single Output DC/DC Converters
TPAT TOPPOWER-TPAT Datasheet
436Kb / 4P
   1W 3KVDC Isolated Dual Output SMD DC/DC Converters
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPF TOPPOWER-TPF Datasheet
655Kb / 3P
   1W 3KVDC Isolated Regulated Single Output DC/DC Converters
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com