Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME8501BEETDD15 Fiches technique(PDF) 10 Page - Analog Microelectronics

No de pièce AME8501BEETDD15
Description  UProcessor Supervisory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8501BEETDD15 Fiches technique(HTML) 10 Page - Analog Microelectronics

Back Button AME8501BEETDD15 Datasheet HTML 6Page - Analog Microelectronics AME8501BEETDD15 Datasheet HTML 7Page - Analog Microelectronics AME8501BEETDD15 Datasheet HTML 8Page - Analog Microelectronics AME8501BEETDD15 Datasheet HTML 9Page - Analog Microelectronics AME8501BEETDD15 Datasheet HTML 10Page - Analog Microelectronics AME8501BEETDD15 Datasheet HTML 11Page - Analog Microelectronics AME8501BEETDD15 Datasheet HTML 12Page - Analog Microelectronics AME8501BEETDD15 Datasheet HTML 13Page - Analog Microelectronics AME8501BEETDD15 Datasheet HTML 14Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AME, Inc.
10
µµµµµProcessor Supervisory
AME8500 / 8501
n Timing Diagram
n Applications Information
Supply Transients
These devices have a certain immunity to fast negative
going transients. In the following pages the graph titled
“Glitch Rejection” indicates the maximum allowable glitch
amplitude and duration to avoid triggering an unintended
reset. As shown in the graph shorter transients can have
larger amplitudes without triggering resets.
V
DD
RESETB
RESET
T
D2
V
Release
V
TH
T
D1
T
D2
T
D1
50%
50%
50%
50%
Glitch Rejection
Reset Time vs. Temperature
Glitch Amplitude (V)
0
20
40
60
80
100
120
140
0.01
0.1
1
190
195
200
205
210
215
220
-45
-5
25
55
85
115
Temperature (oC)
AME8500AEETAF26


Numéro de pièce similaire - AME8501BEETDD15

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME8501BEET AME-AME8501BEET Datasheet
70Kb / 11P
   Micropower uP Reset Family
More results

Description similaire - AME8501BEETDD15

FabricantNo de pièceFiches techniqueDescription
logo
GTM CORPORATION
GN809 GTM-GN809 Datasheet
370Kb / 4P
   UPROCESSOR SUPERVISORY
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
ASM161 ONSEMI-ASM161 Datasheet
140Kb / 7P
   Supervisory Circuit
August, 2011 ??Rev. 3
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
   Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
   Supervisory Circuit
logo
Micrel Semiconductor
MIC705 MICREL-MIC705 Datasheet
177Kb / 8P
   Supervisory Circuits
logo
Analog Microelectronics
AME8570 AME-AME8570 Datasheet
196Kb / 17P
   mProcessor Supervisory
logo
ON Semiconductor
N84C163 ONSEMI-N84C163_18 Datasheet
212Kb / 13P
   Supervisory Circuits
May, 2018 ??Rev. 1
logo
Diodes Incorporated
PT7M6314US DIODES-PT7M6314US Datasheet
471Kb / 8P
   Supervisory Circuit
01/15/16
PT7M6315US DIODES-PT7M6315US Datasheet
991Kb / 8P
   Supervisory Circuit
March 2021 Rev 2-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com