Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPET0312-W5 Fiches technique(PDF) 1 Page - Toppower Electronic Technology Limited

No de pièce TPET0312-W5
Description  0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPET0312-W5 Fiches technique(HTML) 1 Page - Toppower Electronic Technology Limited

  TPET0312-W5 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPET0312-W5 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPET0312-W5 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPET-W5 Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 1 of 3
DESCRIPTION
Miniature surface mounted DC/DC Converters are an ideal and economical solution for many
applications where noise reduction, voltage isolation, voltage conversion in distributed power
systems is required. these converters are qualified for the higher temperatures requested by
lead-free reflow solder processes, especially for automated SMD production lines.
0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
V
V
mA
%
TPET0303-W5
3.3
3.3
152/15.2
72
TPET0305-W5
3.3
5
100/10
77
TPET0309-W5
3.3
9
55.5/5.55
77
TPET0312-W5
3.3
12
41.6/4.16
77
TPET0315-W5
3.3
15
33.3/3.33
77
TPET0503-W5
5
3.3
152/15.2
74
TPET0505-W5
5
5
100/10
69
TPET0509-W5
5
9
55.5/5.55
75
TPET0512-W5
5
12
41.6/4.16
78
TPET0515-W5
5
15
33.3/3.33
78
TPET1203-W5
12
3.3
152/15.2
74
TPET1205-W5
12
5
100/10
67
TPET1209-W5
12
9
55.5/5.55
73
TPET1212-W5
12
12
41.6/4.16
74
TPET1215-W5
12
15
33.3/3.33
75
TPET1505-W5
15
5
100/10
77
TPET1515-W5
15
15
33.3/3.33
75
TPET2403-W5
24
3.3
152/15.2
74
TPET2405-W5
24
5
100/10
67
TPET2409-W5
24
9
55.5/5.55
73
TPET2412-W5
24
12
41.6/4.16
74
TPET2415-W5
24
15
33.3/3.33
75
Add suffix “P” for continuous short circuit protection, for example TPET0505P-W5. Add suffix “X” has not 5,10,12 pin, for example TPET0505X-W5.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input variants
2.9
3.3
3.6
V
Voltage range
5V input variants
4.5
5.0
5.5
V
Voltage range
12V input variants
11
12.0
13.3
V
Voltage range
15V input variants
13.4
15
16.4
V
Voltage range
24V input variants
22
24
26.5
V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 second
3000
VDC
Resistance
Viso= 1000VDC
1
G
Ω
ABSOLUTE MAXIMUM RATINGS
Short-circuit protection
1 second
Lead temperature 1.5mm from case for 10 seconds
300
Internal power dissipation
610mW
Input voltage Vin, TPET03xx-W5
5.5V
Input voltage Vin, TPET05xx-W5
7V
Input voltage Vin, TPET12xx-W5
15V
Input voltage Vin, TPET15xx-W5
18V
Input voltage Vin, TPET24xx-W5
28V
All specifications typical at TA=25
℃, nominal input voltage and rated output current unless otherwise specified.
FEATURES
RoHS compliant
、CE certification
Efficiency up to 78%
Single isolated output
3KVDC isolation
Custom solutions available
Power density 1.8W/cm
3
UL 94V-0 package material
Footprint over pins 1.37cm
2
Operating temperature: -40
℃to 105℃
Input voltage: 3.3V, 5V,12V,15V,24V
Output voltage:3.3V, 5V, 9V, 12V,15V
/


Numéro de pièce similaire - TPET0312-W5

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPET0312-W5 TOPPOWER-TPET0312-W5 Datasheet
420Kb / 3P
   0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
More results

Description similaire - TPET0312-W5

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPET-W5 TOPPOWER-TPET-W5 Datasheet
420Kb / 3P
   0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5_19 Datasheet
699Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5 Datasheet
620Kb / 3P
   0.5W 3KVDC Isolated Single Output DC/DC Converters
TPV2-W5 TOPPOWER-TPV2-W5 Datasheet
855Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV-W5 TOPPOWER-TPV-W5 Datasheet
477Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPVT-W5 TOPPOWER-TPVT-W5_V01 Datasheet
811Kb / 3P
   0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPVT-W5 TOPPOWER-TPVT-W5 Datasheet
208Kb / 4P
   0.5W 3KVDC Isolated Single And Dual Output SMD DC/DC Converters
TPV0303DA-W5 TOPPOWER-TPV0303DA-W5 Datasheet
425Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV2405DA-W5 TOPPOWER-TPV2405DA-W5 Datasheet
215Kb / 3P
   0.5W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPD-W5 TOPPOWER-TPD-W5_V01 Datasheet
797Kb / 3P
   0.5W 3KVDC Isolated Twin Output DC/DC Converters
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com