Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPAT0315A Fiches technique(PDF) 1 Page - Toppower Electronic Technology Limited

No de pièce TPAT0315A
Description  1W 3KVDC Isolated Single Output SMD DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPAT0315A Fiches technique(HTML) 1 Page - Toppower Electronic Technology Limited

  TPAT0315A Datasheet HTML 1Page - Toppower Electronic Technology Limited TPAT0315A Datasheet HTML 2Page - Toppower Electronic Technology Limited TPAT0315A Datasheet HTML 3Page - Toppower Electronic Technology Limited TPAT0315A Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPAT-A Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 4
DESCRIPTION:
Miniature surface mounted DC/DC Converters are an ideal and economical solution for many
applications where noise reduction, voltage isolation, voltage conversion in distributed power systems
is required. these converters are qualified for the higher temperatures requested by lead-free reflow
solder processes, especially for automated SMD production lines.
1W 3KVDC Isolated Single Output SMD DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
V
V
mA
%
TPAT0303A
3.3
3.3
303/30.3
70
TPAT0305A
3.3
5
201/20.1
70
TPAT0309A
3.3
9
111/11.1
72
TPAT0312A
3.3
12
83/8.3
75
TPAT0315A
3.3
15
67/6.7
80
TPAT0503A
5
3.3
303/30.3
70
TPAT0505A
5
5
201/20.1
70
TPAT0509A
5
9
111/11.1
72
TPAT0512A
5
12
83/8.3
75
TPAT0515A
5
15
67/6.7
80
TPAT1203A
12
3.3
303/30.3
70
TPAT1205A
12
5
201/20.1
70
TPAT1209A
12
9
111/11.1
26
TPAT1212A
12
12
83/8.3
75
TPAT1215A
12
15
67/6.7
80
TPAT1515A
15
15
67/6.7
80
TPAT2403A
24
3.3
303/30.3
70
TPAT2405A
24
5
201/20.1
70
TPAT2409A
24
9
111/11.1
72
TPAT2412A
24
12
83/8.3
75
TPAT2415A
24
15
67/6.7
80
Add suffix “P” for continuous short circuit protection, for example TPAT0505AP. Add suffix “X” has not 5,10,14,16 pin, for example TPAT0505AX.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3V input variants
2.9
3.3
3.6
V
Voltage range
5V input variants
4.5
5
5.5
V
Voltage range
12V input variants
11
12
13.3
V
Voltage range
15V input variants
13.4
15
16.4
V
Voltage range
24V input variants
22
24
26.5
V
Reflected ripple current
40
50
mA p-p
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 second
3000
VDC
Resistance
Viso= 1000VDC
1
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
0312, 0315
110
kHz
Switching frequency
0303, 0305, 0503
115
kHz
Switching frequency
All other variants
120
kHz
FEATURES
RoHS compliant
Efficiency up to 80%
Operating temperature: -40℃to 105℃
CE certification
Footprint over pins 1.64cm2
Power density 1.36W/cm3
Input voltage: 3.3V, 5V, 12V,15V,24V
Output voltage: 3.3V, 5V, 9V, 12V,15V
UL 94V-0 package material
3KVDC isolation
Custom solutions available
/
TOPPOWER


Numéro de pièce similaire - TPAT0315A

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPAT0315A TOPPOWER-TPAT0315A Datasheet
769Kb / 4P
   1W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT0315A-2W TOPPOWER-TPAT0315A-2W Datasheet
1Mb / 4P
   2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT0315A-2W TOPPOWER-TPAT0315A-2W Datasheet
772Kb / 4P
   2W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT0315A-W5 TOPPOWER-TPAT0315A-W5 Datasheet
772Kb / 4P
   0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
TPAT0315A-W5 TOPPOWER-TPAT0315A-W5 Datasheet
833Kb / 4P
   0.5W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results

Description similaire - TPAT0315A

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TPET TOPPOWER-TPET_V02 Datasheet
249Kb / 4P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET Datasheet
190Kb / 3P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET_V01 Datasheet
786Kb / 4P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET_19 Datasheet
722Kb / 3P
   1W 3KVDC Isolated Single Output SMD DC/DC Converters
logo
Murata Manufacturing Co...
KDC_MEV MURATA-KDC_MEV Datasheet
140Kb / 4P
   3kVDC Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPR-1W TOPPOWER-TPR-1W Datasheet
778Kb / 4P
   1W 3KVDC Isolated Single Output DC/DC Converters
TPAT TOPPOWER-TPAT Datasheet
436Kb / 4P
   1W 3KVDC Isolated Dual Output SMD DC/DC Converters
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
   3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TPF TOPPOWER-TPF Datasheet
655Kb / 3P
   1W 3KVDC Isolated Regulated Single Output DC/DC Converters
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com