Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X3C09P1-04S Fiches technique(PDF) 4 Page - Anaren Microwave

No de pièce X3C09P1-04S
Description  High Directivity
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANAREN [Anaren Microwave]
Site Internet  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C09P1-04S Fiches technique(HTML) 4 Page - Anaren Microwave

  X3C09P1-04S Datasheet HTML 1Page - Anaren Microwave X3C09P1-04S Datasheet HTML 2Page - Anaren Microwave X3C09P1-04S Datasheet HTML 3Page - Anaren Microwave X3C09P1-04S Datasheet HTML 4Page - Anaren Microwave X3C09P1-04S Datasheet HTML 5Page - Anaren Microwave X3C09P1-04S Datasheet HTML 6Page - Anaren Microwave X3C09P1-04S Datasheet HTML 7Page - Anaren Microwave X3C09P1-04S Datasheet HTML 8Page - Anaren Microwave X3C09P1-04S Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model X3C09P1-04S
Rev B
Typical Performance (-55°C, 25°C and 95°C): 800-1000 MHz
800
820
840
860
880
900
920
940
960
980
1000
-50
-40
-30
-20
-10
0
Frequency (MHz)
Return Loss for X3C09P1-04S (Feeding Port 1)
-55ºC
25ºC
95ºC
800
820
840
860
880
900
920
940
960
980
1000
-50
-40
-30
-20
-10
0
Frequency (MHz)
Return Loss for X3C09P1-04S (Feeding Port 2)
-55ºC
25ºC
95ºC
800
820
840
860
880
900
920
940
960
980
1000
-50
-40
-30
-20
-10
0
Frequency (MHz)
Return Loss for X3C09P1-04S (Feeding Port 3)
-55ºC
25ºC
95ºC
800
820
840
860
880
900
920
940
960
980
1000
-50
-40
-30
-20
-10
0
Frequency (MHz)
Return Loss for X3C09P1-04S (Feeding Port 4)
-55ºC
25ºC
95ºC


Numéro de pièce similaire - X3C09P1-04S

FabricantNo de pièceFiches techniqueDescription
logo
Anaren Microwave
X3C09P1-03P ANAREN-X3C09P1-03P Datasheet
671Kb / 22P
   30 dB Directional Coupler
X3C09P1-03S ANAREN-X3C09P1-03S Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
X3C09P1-03S ANAREN-X3C09P1-03S Datasheet
887Kb / 26P
   Hybrid Coupler
logo
NXP Semiconductors
X3C09P1-03S NXP-X3C09P1-03S Datasheet
319Kb / 13P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 09/2018
X3C09P1-03S NXP-X3C09P1-03S Datasheet
491Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 2, 10/2022
More results

Description similaire - X3C09P1-04S

FabricantNo de pièceFiches techniqueDescription
logo
Marki Microwave
CBR17-0026 MARKIMICROWAVE-CBR17-0026 Datasheet
213Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
CBR16-0003 MARKIMICROWAVE-CBR16-0003 Datasheet
463Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
CBR16-0012 MARKIMICROWAVE-CBR16-0012 Datasheet
443Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
C20-0R520 MARKIMICROWAVE-C20-0R520 Datasheet
231Kb / 3P
   Broadband Performance High Directivity
C20-0R612 MARKIMICROWAVE-C20-0R612 Datasheet
231Kb / 3P
   Broadband Performance High Directivity
C20-0R518 MARKIMICROWAVE-C20-0R518 Datasheet
231Kb / 3P
   Broadband Performance High Directivity
CBR16-0006 MARKIMICROWAVE-CBR16-0006 Datasheet
364Kb / 2P
   HIGH DIRECTIVITY BRIDGE COUPLER
logo
Rohm
SML-S1 ROHM-SML-S1 Datasheet
1Mb / 9P
   Narrow directivity and high brightness
logo
KODENSHI_AUK CORP.
BL15-1212H KODENSHI-BL15-1212H Datasheet
113Kb / 3P
   narrow directivity
logo
Advanced Technical Mate...
62-331A-XX-X-X ATM-62-331A-XX-X-X Datasheet
61Kb / 1P
   OUTLINE, WR62 COUPLER SHORT LENGTH, HIGH DIRECTIVITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com