Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS543C20 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS543C20
Description  4 Vin to 16 Vin, 40-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS543C20 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS543C20 Datasheet HTML 1Page - Texas Instruments TPS543C20 Datasheet HTML 2Page - Texas Instruments TPS543C20 Datasheet HTML 3Page - Texas Instruments TPS543C20 Datasheet HTML 4Page - Texas Instruments TPS543C20 Datasheet HTML 5Page - Texas Instruments TPS543C20 Datasheet HTML 6Page - Texas Instruments TPS543C20 Datasheet HTML 7Page - Texas Instruments TPS543C20 Datasheet HTML 8Page - Texas Instruments TPS543C20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
5
TPS543C20
www.ti.com
SLUSCD4 – MARCH 2017
Product Folder Links: TPS543C20
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
PARAMETER
MIN
MAX
UNIT
Input
voltage(1)
VIN
–0.3
20
V
VIN < 2 ms transient
22
VDD
–0.3
22
BOOT
–0.3
34.5
BOOT to SW
DC
–0.3
6.5
< 10 ns
–0.3
7.0
VSEL, SS, MODE, RT, SYNC, EN, ISHARE, ILIM
–0.3
7.0
RSP
–0.3
3.6
RSN
–0.3
0.3
PGND, GND
–0.3
0.3
SW
DC
–0.3
20.0
< 10 ns
–5.0
23.0
Output
voltage
BP, RAMP
–0.3
7.0
V
PGD
–0.3
7.0
VSHARE
–0.3
3.6
Junction temperature, TJ
–55
150
°C
Storage temperature, Tstg
–55
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
8.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1500
(1)
All voltage values are with respect to the network ground terminal unless otherwise noted.
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
Input
voltage(1)
VIN
4.0
16
V
VDD
4.0
22
BOOT
–0.1
19.5
BOOT to SW
DC
–0.1
5.5
< 10 ns
–0.1
6.0
VSEL, SS, MODE, RT, SYNC, EN, ISHARE, ILIM
–0.1
5.5
RSP
–0.1
1.7
RSN
–0.1
0.1
PGND, GND
–0.1
0.1
SW
DC
–0.1
16.0
< 10 ns
–5.0
21.0


Numéro de pièce similaire - TPS543C20

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS543C20 TI1-TPS543C20 Datasheet
1Mb / 33P
[Old version datasheet]   4 Vin to 19 Vin, 25-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
TPS543C20A TI1-TPS543C20A Datasheet
5Mb / 44P
[Old version datasheet]   4-VIN to 16-VIN, 40-A Stackable, Synchronous Step-Down SWIFT Converter With Adaptive Internal Compensation
TPS543C20ARVFR TI1-TPS543C20ARVFR Datasheet
5Mb / 44P
[Old version datasheet]   4-VIN to 16-VIN, 40-A Stackable, Synchronous Step-Down SWIFT Converter With Adaptive Internal Compensation
TPS543C20ARVFT TI1-TPS543C20ARVFT Datasheet
5Mb / 44P
[Old version datasheet]   4-VIN to 16-VIN, 40-A Stackable, Synchronous Step-Down SWIFT Converter With Adaptive Internal Compensation
More results

Description similaire - TPS543C20

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS543C20A TI1-TPS543C20A Datasheet
5Mb / 44P
[Old version datasheet]   4-VIN to 16-VIN, 40-A Stackable, Synchronous Step-Down SWIFT Converter With Adaptive Internal Compensation
TPS543B20 TI1-TPS543B20 Datasheet
1Mb / 33P
[Old version datasheet]   4 Vin to 19 Vin, 25-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
TPS54J060 TI-TPS54J060 Datasheet
2Mb / 37P
[Old version datasheet]   TPS54J060 4-VIN to 16-VIN, 6-A, Synchronous Step-Down Converter with D-CAP3??Control and 0.9-V Reference
TPS54J061 TI-TPS54J061 Datasheet
2Mb / 38P
[Old version datasheet]   TPS54J061 4-VIN to 16-VIN, 6-A, Synchronous Step-Down Converter with D-CAP3??Control and 0.6-V Reference
TPS549D22 TI1-TPS549D22 Datasheet
8Mb / 63P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
TPS541620 TI-TPS541620 Datasheet
4Mb / 53P
[Old version datasheet]   TPS541620 4.5-V to 15-V, Dual 6-A / Single 12-A, Synchronous Step-Down SWIFT??Converter With Internal Compensation
TPS548D21 TI1-TPS548D21 Datasheet
7Mb / 45P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter Supporting AVSO and Full Differential Sense
TPS548A20 TI1-TPS548A20 Datasheet
1Mb / 36P
[Old version datasheet]   15-A Synchronous Step-Down SWIFT Converter
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
[Old version datasheet]   6-A Synchronous Step Down SWIFT Converter
TPS546D24S TI-TPS546D24S Datasheet
4Mb / 180P
[Old version datasheet]   TPS546D24S 2.95-V to 16-V, 40-A, Up to 4 × Stackable, Synchronous SWIFT™ Step-Down Converter with PMBus® and Extended Write Protection
MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com