Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DCM3623X50M06A8YZZ Fiches technique(PDF) 16 Page - Vicor Corporation

No de pièce DCM3623X50M06A8YZZ
Description  Safety Extra Low Voltage (SELV) 5.0 V Nominal Output
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VICOR [Vicor Corporation]
Site Internet  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

DCM3623X50M06A8YZZ Fiches technique(HTML) 16 Page - Vicor Corporation

Back Button DCM3623X50M06A8YZZ Datasheet HTML 12Page - Vicor Corporation DCM3623X50M06A8YZZ Datasheet HTML 13Page - Vicor Corporation DCM3623X50M06A8YZZ Datasheet HTML 14Page - Vicor Corporation DCM3623X50M06A8YZZ Datasheet HTML 15Page - Vicor Corporation DCM3623X50M06A8YZZ Datasheet HTML 16Page - Vicor Corporation DCM3623X50M06A8YZZ Datasheet HTML 17Page - Vicor Corporation DCM3623X50M06A8YZZ Datasheet HTML 18Page - Vicor Corporation DCM3623X50M06A8YZZ Datasheet HTML 19Page - Vicor Corporation DCM3623X50M06A8YZZ Datasheet HTML 20Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
General Characteristics (Cont.)
Specifications apply over all line, trim and load conditions, internal temperature TINT = 25ºC, unless otherwise noted. Boldface specifications apply over the
temperature range of -40°C < TINT < 125°C for T grade and -55°C < TINT < 125°C for M grade.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Safety
Dielectric Withstand Test
VHIPOT
IN to OUT
2250
Vdc
IN to CASE
2250
Vdc
OUT to CASE
707
Vdc
Reliability
MTBF
MIL-HDBK-217 FN2 Parts Count 25°C
Ground Benign, Stationary, Indoors /
Computer
3.39
MHrs
Telcordia Issue 2, Method I Case 3, 25°C,
100% D.C., GB, GC
5.68
MHrs
Agency Approvals
Agency approvals/standards
EN 60950-1
UL 60950-1
CE Marked for Low Voltage Directive and RoHS Recast Directive, as applicable
cURus,
cTÜVus,
DCMDC-DC Converter
Rev 1.1
vicorpower.com
Page 16 of 25
01/2017
800 927.9474
DCM3623x50M06A8yzz


Numéro de pièce similaire - DCM3623X50M06A8YZZ

FabricantNo de pièceFiches techniqueDescription
logo
Vicor Corporation
DCM3623X50M06A8YZZ VICOR-DCM3623X50M06A8YZZ Datasheet
3Mb / 25P
   Isolated, Regulated DC Converter
DCM3623X50M06A8YZZ VICOR-DCM3623X50M06A8YZZ_17 Datasheet
3Mb / 25P
   Isolated, Regulated DC Converter
More results

Description similaire - DCM3623X50M06A8YZZ

FabricantNo de pièceFiches techniqueDescription
logo
Vicor Corporation
DCM4623XD2N31C8YZZ VICOR-DCM4623XD2N31C8YZZ Datasheet
1Mb / 25P
   Safety Extra Low Voltage (SELV) 28.0 V Nominal Output
DCM3623X50M31C2YZZ VICOR-DCM3623X50M31C2YZZ Datasheet
1Mb / 25P
   Safety Extra Low Voltage (SELV) 28.0 V Nominal Output
DCM3623X50T13A6YZZ VICOR-DCM3623X50T13A6YZZ Datasheet
1Mb / 25P
   Safety Extra Low Voltage (SELV) 12.0 V Nominal Output
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2_08 Datasheet
212Kb / 12P
   Low Drop Voltage Regulator Fixed output voltage 5.0 V or 3.3 V
Rev. 1.4, 2008-03-10
logo
ON Semiconductor
NCV4275 ONSEMI-NCV4275 Datasheet
80Kb / 12P
   5.0 V Low-Drop Voltage Regulator
August, 2004 ??Rev. 8
logo
Renesas Technology Corp
M62290L RENESAS-M62290L_07 Datasheet
141Kb / 11P
   5.0 V Fixed Output Voltage DC/DC Converter
logo
Analog Devices
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293ERZ AD-ADR293ERZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293 AD-ADR293_15 Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com