Moteur de recherche de fiches techniques de composants électroniques |
|
AD5012N2LM-0001 Fiches technique(PDF) 1 Page - Astec America, Inc |
|
AD5012N2LM-0001 Fiches technique(HTML) 1 Page - Astec America, Inc |
1 / 2 page Rev. 05.18.11_108 AD50 Medical Series 1 of 2 Embedded Power for Business-Critical Continuity AD50 Medical Series 50 Watts Special Features •UniversalACinput •Fullyregulatedoutput •EN61000-3-2compliant •Inputpower<74watts •Overcurrentandovervoltage protection •Highefficiency •HighMTBF •IEC320ACinputreceptacle 3pin(typeC6)-AD5012N3LM 2pin(typeC8)-AD5012N2LM •BuiltinEMIfilter •(CISPR22ClassB) •ACinputfuse •ComplieswithOneWatt InputEnergyStar/BlueAngel Requirement Total Power: 50 Watts Input Voltage: 90-264VAC # of Outputs: Single Safety Input Inputrange: 90-264Vac(widerange) Frequency: 47-63Hz Inrushcurrent: 60Amaximum@230VAC,coldstart25°C Inputcurrent: 2Amaximum Efficiency: 80%typical EMI/RFI: FCCPart15,ClassB&EN55022(CISPR22)ClassB Safetyground leakagecurrent: 300µAmaximum@50/60Hz,264VACinput-AD5012N3L 100µAmaximum@50/60Hz,264VACinput-AD5012N2L Output MaximumPower(Po): 50 W Hold-uptime: 17ms.minimumatfullload@100Vac,47Hz Overvoltageprotection: 16-20V Latchingtype,recycleACtoreset. Overcurrentprotection: Outputshortcircuitprotectionautorecover Overloadprotection@110-120%abovemaximumrating Cable/connector: DCcablewith2.5mmx5.5mmbarrelplug DCplugcenter+v DCplugouter-v CSAUL UL60601-1 CSA 60601-1 VDE 60601-1 Operatingtemperature: 5°to+40°Cambient Storagetemperature: -40°Cto+70°C Electromagnetic susceptibility: DesignedtomeetEN61000-4-2,-4,-5,level4; EN61000-4-3,-6,10v/m;EN61000-4-8,-11;EN61000-3-3 andEN61000-3-2ClassA Humidity: Operating;non-condensing10%to90%RH MTBFdemonstrated: >300,000hoursatfullloadand25°Cambientconditions EnvironmentalSpecifications Electrical Specifications |
Numéro de pièce similaire - AD5012N2LM-0001 |
|
Description similaire - AD5012N2LM-0001 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |