Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5012N3LM Fiches technique(PDF) 2 Page - Astec America, Inc

No de pièce AD5012N3LM
Description  AD50 Medical Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTEC [Astec America, Inc]
Site Internet  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AD5012N3LM Fiches technique(HTML) 2 Page - Astec America, Inc

  AD5012N3LM Datasheet HTML 1Page - Astec America, Inc AD5012N3LM Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. 05.18.11_108
AD50 Medical Series
2 of 2
Embedded Power for
Business-Critical Continuity
MechanicalDrawing
OrderingInformation
Model
Number
Maximum
Power
Output
Voltage
Maximum Load
Peak Load1
Regulation2
Ripple
P/P (PARD)3
AD5012N3LM
50 W
12.5Vdc
4.16A
6A
±5%
<500mV
AD5012N2LM
50 W
12.5Vdc
4.16A
6A
±5%
<500mV
AD5012N2LM-0001
50 W
12.5Vdc
4.16A
6A
±5%
<500mV
1. Peakcurrentlasting200msevery3seconds.
2. At25°C includinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactory
settings.
3. Peak-to-peakwith20MHzbandwidthand10µF(tantalumcapacitor)inparallelwitha0.1µFcapacitoratratedlinevoltage
andloadranges.
4.72˝
(120)
48˝
(1219 ±20)
0.4˝
(10.5)
Notes:
1.Specificationssubjecttochangewithoutnotice.
2.Alldimensionsininches(mm),toleranceis
±0.02”(±0.5mm)
3.Warranty:2year
4.Weight:0.61lb./0.28kg
5.ACinputpowercordsoldseparately.
6.Specificationsatfactorysettingsat115VACinput,
25°Cunlessotherwisestated
7.ACInputConnector:IEC320,C6orC8,matewithC5andC7
respectively.
4.72˝
(120)
14.57˝
(370 ±20)
0.4˝
(10.5)
C8
C6
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
Waterfront Business Park
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.Emerson.com/EmbeddedPower
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2011EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DCPower
Right Angle Connector
AD5012N2LM-0001


Numéro de pièce similaire - AD5012N3LM

FabricantNo de pièceFiches techniqueDescription
logo
Emerson Network Power
AD5012N3LM EMERSON-NETWORKPOWER-AD5012N3LM Datasheet
236Kb / 2P
   Universal AC input
More results

Description similaire - AD5012N3LM

FabricantNo de pièceFiches techniqueDescription
logo
TRIAD MAGNETICS
VPM12-2080 TRIAD-VPM12-2080 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-12500 TRIAD-VPM240-12500 Datasheet
190Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-31200 TRIAD-VPM240-31200 Datasheet
190Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-41600 TRIAD-VPM240-41600 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM12-4170 TRIAD-VPM12-4170 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-20800 TRIAD-VPM240-20800 Datasheet
190Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-28100 TRIAD-VPM240-28100 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-670 TRIAD-VPM240-670 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-15600 TRIAD-VPM240-15600 Datasheet
190Kb / 1P
   TOROIDAL MEDICAL SERIES
VPM240-36400 TRIAD-VPM240-36400 Datasheet
189Kb / 1P
   TOROIDAL MEDICAL SERIES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com